Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 95 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 95 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 91Page - PMC-Sierra, Inc PM73487 Datasheet HTML 92Page - PMC-Sierra, Inc PM73487 Datasheet HTML 93Page - PMC-Sierra, Inc PM73487 Datasheet HTML 94Page - PMC-Sierra, Inc PM73487 Datasheet HTML 95Page - PMC-Sierra, Inc PM73487 Datasheet HTML 96Page - PMC-Sierra, Inc PM73487 Datasheet HTML 97Page - PMC-Sierra, Inc PM73487 Datasheet HTML 98Page - PMC-Sierra, Inc PM73487 Datasheet HTML 99Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
83
* The DRAM_CKE is a functionally static signal. Software should ensure that the DRAM_CKE
is set at least 1 microsecond before desserting the SW_RESET bit.
6.3
SRAM Timings
All inputs and outputs are assume to have a 30 pf capacitive loading. The ALRAM_CLK,
ABRAM_CLK and CHRAM_CLK are assume to have a 22 ohm series terminated resister
connected to a combined capacitive load of 36 pf.
Figure 56 shows the AL RAM read timing.
Tckh
CLK enable hold time
DRAM_CKE
*
ns
Tcksu
CLK enable setup time
DRAM_CKE
*
ns
Trassu
RAS setup time
/TX_DRAM_RAS
3.3
ns
Trash
RAS hold time
/TX_DRAM_RAS
1.5
ns
Tcassu
CAS setup time
/TX_DRAM_CAS
3.3
ns
Tcash
CAS hold time
/TX_DRAM_CAS
1.5
ns
Tcssu
Chip select setup time
/TX_DRAM_CS(1:0)
2.7
ns
Tcsh
Chip select hold time
/TX_DRAM_CS(1:0)
1.5
ns
Twesu
Write enable setup time
/TX_DRAM_WE
2.9
ns
Tweh
Write enable hold time
/TX_DRAM_WE
1.5
ns
Tdsu
(Write) Data valid before clock
TX_DRAM_DATA(31:0)
2.2
ns
Tdh
(Write) Data Valid after clock
TX_DRAM_DATA(31:0)
1.5
ns
Figure 56. Address Lookup RAM Read Timing
Symbol
Parameter
Signals
Min
Max
Unit
1
2
3
4
5
Tcyc
Tcyc
Tch
Tcl
Tch
Tcl
Tadss
Tadh
Toesu
Toeh
Tadrsu
Tadrh
Tadrsu
Tadh
Tadrsu
Tadrh
Twesu
Tweh
Trds
Trdh
VALID DATA
ALRAM READ CYCLE
ALRAM_CLK
/ALRAM_ADSC
/ALRAM_OE
ALRAM_ADD(18:0)
ALRAMADD17N
ALRAMADD18N
/ALRAM_WE
ALRAM_DATA(16:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com