Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 39Page - PMC-Sierra, Inc PM73487 Datasheet HTML 40Page - PMC-Sierra, Inc PM73487 Datasheet HTML 41Page - PMC-Sierra, Inc PM73487 Datasheet HTML 42Page - PMC-Sierra, Inc PM73487 Datasheet HTML 43Page - PMC-Sierra, Inc PM73487 Datasheet HTML 44Page - PMC-Sierra, Inc PM73487 Datasheet HTML 45Page - PMC-Sierra, Inc PM73487 Datasheet HTML 46Page - PMC-Sierra, Inc PM73487 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
31
Figure 37 shows the operation of EFCI.
The congestion limits are kept in an exponential form. The interpretation of the limits is the same
for all measurements, except the device limit. For the other measurements, the value of “0” causes
the measurement to always find congestion. The value of “1” may not be used. The value of F
h
causes congestion to be found for the limit when the queue depth is 31744. This allows a 15-bit
value to be used to store the state of each measurement except the device measurement, which has
a 16-bit value.
2.5.5
Receive Queue Service Algorithm
Each switch fabric cell time, the receive queue controller selects up to four cells for transmission
to the switch fabric. The controller supports per-channel (per-VC) queues with 64 SCs. The con-
troller addresses the following issues: QoS, Cell Delay Variation (CDV) minimization, Minimum
Cell Rate (MCR) guarantees, and fairness maximization. The flexibility of the controller ensures
that VCs receive their expected bandwidth in a timely fashion depending upon their traffic
requirements.
Figure 37. EFCI Operation
Figure 38. Steps to Send a Cell to the Fabric
EFCI Codepoints Set
From Here
To Here
Time
Time
Queue
Depth
Congestion Threshold
Congestion Threshold
÷ 2
Run Queue Service Algorithm to
determine Service Class (SC)
Read from ring to
determine channel
Find pointer to cell from
channel linked list
Fetch cell
Send cell to fabric
Update structures with
results of transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com