Electronic Components Datasheet Search
  English  ▼

X  

PM73487 Datasheet(PDF) 87 Page - PMC-Sierra, Inc

Part # PM73487
Description  622 Mbps ATM Traffic Management Device
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73487 Datasheet(HTML) 87 Page - PMC-Sierra, Inc

Back Button PM73487 Datasheet HTML 83Page - PMC-Sierra, Inc PM73487 Datasheet HTML 84Page - PMC-Sierra, Inc PM73487 Datasheet HTML 85Page - PMC-Sierra, Inc PM73487 Datasheet HTML 86Page - PMC-Sierra, Inc PM73487 Datasheet HTML 87Page - PMC-Sierra, Inc PM73487 Datasheet HTML 88Page - PMC-Sierra, Inc PM73487 Datasheet HTML 89Page - PMC-Sierra, Inc PM73487 Datasheet HTML 90Page - PMC-Sierra, Inc PM73487 Datasheet HTML 91Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 251 page
background image
PM73487 QRT
PMC-Sierra, Inc.
PMC-980618
Issue 3
622 Mbps ATM Traffic Management Device
Released
Datasheet
75
5
PHYSICAL CHARACTERISTICS
.
.
Symbol
Parameter
Conditions
Min
Max
Unit
V
DD
Supply voltage
With respect to GND
-0.3
3.9
V
I
OUT
DC output current, per pin
-12
12
mA
T
STG
Storage temperature
-65
125
°C
t
R
Input rise time
10
ns
t
F
Input fall time
10
ns
Symbol
Parameter
Conditions
Min
Max
Unit
V
DD
Supply voltage
3.14
3.46
V
V
O
Output voltage
0
V
DD
V
T
A
Operating temperature
-40
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
IHT
High-level TTL input voltage
All 5V tolerant /LVTTL inputs
2.15
V
DD
5.5V
V
V
IHC
High-level CMOS input volt-
age
All CMOS inputs
2.0
V
DD
V
DD
+ 0.3
V
V
IL
Low-level input voltage
All 5V tolerant /LVTTL and
CMOS inputs
V
SS -
0.3
00.8
V
V
OH
CMOS high-level output volt-
age
I
OH = - Specified DC Drive
current (in Pin Description
section) assuming the UTOPIA
interface drivers are not simul-
taneously loaded at 12 ma
2.4
V
DD
V
V
OL
CMOS low-level output volt-
age
I
OL = Specified DC Drive
current(in Pin Description
section) assuming the UTOPIA
interface drivers are not
simultaneously loaded at 12
ma
0.4
V
I
TYP
Typical operating current, out-
put unloaded
SE_CLK = 50 MHz SYS_CLK=
100 MHZ
ATM_CLK = 66 MHZ
600
900
mA
NOTES:
• V
CC = 3.3V ± 10%, TA = -40°C to 85°C for industrial use.
• Typical values are T
A = 25°C and VCC = 3.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com