Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 195 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 195 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 191Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 192Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 193Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 194Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 195Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 196Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 197Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 198Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 199Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
179
10.1.78
Register 0x79 (0x1E4): SAR PMON Receive Oversize PDU Errors
Bit
Type
Function
Default
Bit 15
R
ROVPDUE
X
to
[15:0]
Bit 0
ROVPDUE[15:0]:
ROVPDUE[15:0] represents the number of CPAAL5_PDUs that were received
with PDU lengths exceeding some defined maximum length since the last time
the counter was polled. Please refer to the RALP Max Rx PDU Length register
for the maximum allowed length.
The counter is polled by writing to the LASAR-155 Master Reset / Load
Meters register. Such a write transfers the internally accumulated error count to
the above register within 1µs and simultaneously resets the internal counter to
begin a new cycle of error accumulation. This transfer and reset is carried out in
a manner that ensures that coincident events are not lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com