Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 199 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 199 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 195Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 196Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 197Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 198Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 199Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 200Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 201Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 202Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 203Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
183
10.1.82
Register 0x7E (0x1F8): SAR PMON Transmit Oversize SDU Errors
Bit
Type
Function
Default
Bit 15
R
TOVSDUE
X
to
[15:0]
Bit 0
TOVSDUE[15:0]:
TOVSDUE[15:0] represents the number of oversized transmit CPAAL5_PDUs
that were aborted since the last time the counter was polled. Please refer to the
PCID Max Tx SDU Length register for the maximum allowable value.
The counter is polled by writing to the LASAR-155 Master Reset / Load
Meters register. Such a write transfers the internally accumulated error count to
the above register within 1µs and simultaneously resets the internal counter to
begin a new cycle of error accumulation. This transfer and reset is carried out in
a manner that ensures that coincident events are not lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com