Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 203 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 203 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 199Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 200Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 201Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 202Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 203Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 204Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 205Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 206Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 207Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
187
cells are dropped. When PTI_10X_ED is set to logic zero, the cells are copied to
the Multipurpose Port.
CRC-10_DIS:
The CRC-10_DIS bit controls whether to discard or pass ATM cells with CRC-10
error. When CRC-10_DIS is set to logic one, ATM cells with CRC-10 errors are
dropped. When CRC-10_DIS is set to logic zero, the cells are passed.
MRPDU_EN:
The MRPDU_EN bit controls whether to enforce the user programmed maximum
receive CPAAL5_PDU length. If MRPDU_EN is set to logic one, the maximum
length of the CPAAL5_PDU is user programmable using the RALP Max Rx PDU
Length register. CPAAL5_PDUs that exceed this length are prematurely
terminated. All successive bytes from this CPAAL5_PDU are dropped until the
start of the next CPAAL5_PDU.
If MRPDU_EN is set to logic zero, the RALP block will not enforce a
maximum PDU length.
REAS_DM:
The REAS_DM bit selects the reassembly disable mode. Two modes to disable
the RALP block from reassembling CPAAL5_PDUs are provided. When
REAS_DM is set to logic one and the REAS_EN bit is used to disable
reassembling, the RALP block will immediately stop reassembly on all VCs.
When REAS_DM is set to logic zero and the REAS_EN bit is used to
disable reassembling, the RALP block will not start any new reassembles but will
continue to complete the current CPAAL5_PDUs under reassembly. In this
manner, graceful system shutdown can be accomplished. An interrupt is
generated when all of the VCs complete their packet reassemblies.
Note, regardless of the state REAS_DM is set to, management cells (PTI
= 100, 101, 110, 111) are immediately filtered when reassembly is disabled (i.e.
REAS_EN = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com