Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 206 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 206 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 202Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 203Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 204Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 205Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 206Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 207Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 208Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 209Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 210Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
190
RESEM_ACTV:
The RESEM_ACTV bit indicates whether there are any active reassembles.
When RESEM_ACTV is logic one, the RALP is current reassembling one or
more CPAAL5_PDUs. When RESEM_ACTV is logic zero, no reassembles are
active.
PDUABI:
The PDUABI interrupt bit indicates when the RALP received a CPAAL5_PDU
with an forward abort indication (length field = 0).
CEXOVI:
The CEXOVI interrupt bit indicates when the RALP had to abort a transfer on the
Multipurpose Port due to an overflow. An overflow occurs during a cell transfer
when the RALP samples RFIFOFB low. CEXOVI is set high when an overflow
condition is detected.
RESEM_ACTI:
The RESEM_ACTI interrupt bit indicates when the RALP transitions into and out
of a state where it is reassembling packets. When RESEM_ACTI is high, a
transition has been made. The RESEM_ACTV bit indicates which state the RALP
is actually in.
RSOCI:
The RSOCI interrupt bit should only be used when operating with an external
PHY Layer device such as the PMC SUNI-PDH. When RSOCI is high, the
received receive start of cell (RSOC) indication on input RSOC was detected in
an unexpected location. In such an event, the RALP block starts accumulating a
new cell and discards any residue bytes from the previous incomplete cell.
PTIDI:
The PTIDI interrupt bit indicates the reception of a cell with a PTI field equal to
110B or 111B. When PTIDI is high, the RALP has received one or more cells
with a PTI field equal to 110B or 111B.
F5OAMDI:
The F5OAMDI interrupt bit indicates the reception of a F5 OAM cell. When
F5OAMDI is high, the RALP block has received one or more F5 OAM cells.
OVPDUI:
The OVPDUI interrupt bit indicates that the RALP block has detected a
CPAAL5_PDU length violation. If OVPDUI is high, the RALP block has



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com