Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 208 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 208 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 204Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 205Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 206Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 207Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 208Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 209Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 210Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 211Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 212Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
192
10.1.87
Register 0x82 (0x208): RALP Interrupt Enable
Bit
Type
Function
Default
Bit 15
R/W
UVPI/VCIE
0
Bit 14
R/W
CRC10E
0
Bit 13
R/W
NZCPIE
0
Bit 12
R/W
SDULE
0
Bit 11
R/W
CRC32E
0
Bit 10
R/W
OVPDUE
0
Bit 9
R/W
Reserved
0
Bit 8
R/W
F5OAMDE
0
Bit 7
R/W
PTIDE
0
Bit 6
R/W
RSOCE
0
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W RESEM_ACTE
0
Bit 2
R/W
CEXOVE
0
Bit 1
R/W
PDUABE
0
Bit 0
Unused
X
The RALP Interrupt Enable register is used to control the generation of interrupt
from the RALP block.
UVPI/VCIE, CRC10E, NZCPIE, SDULE, CRC32E, OVPDUE, F5OAMDE,
PTIDE, RSOCE, RESEM_ACTE, CEXOVE, PDUABE:
The listed enable bits control interrupt generation by the corresponding interrupt
bits in the RALP Interrupt Status register. When the enable bit is set to logic one,
the corresponding interrupt will generate either a microprocessor interrupt or a
PCI Host interrupt as determined by the MPENB input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com