Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 211 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 211 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 207Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 208Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 209Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 210Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 211Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 212Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 213Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 214Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 215Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
195
CINPORT_PR:
The CINPORT_PR bit selects the priority of the multipurpose port. When
CINPORT_PR is set to logic one and CINPORT_EN is set to logic one, cells
sourced by the multipurpose port take priority over cells (segmented packets)
sourced from the PCI Host. When CINPORT_PR is set to logic zero and
CINPORT_EN is set to logic one, cells sourced from the PCI Host take priority
over cells scheduled by the multipurpose port. When CINPORT_EN is set to
logic zero, CINPORT_PR is ignored.
CINPORT_EN:
The CINPORT_EN bit enables the multipurpose port. When CINPORT_EN is set
to logic one, the TALP block allows cells to be sourced from the multipurpose
port. When CINPORT_EN is set to logic zero, cells can only be sourced from the
PCI Host.
It should be noted that the state of the CINPORT_EN bit should be set
when the LASAR-155 is initially configured after reset. Enabling or disabling the
multipurpose port while it is processing cells can cause erroneous behavior.
AGG_PR_EN:
The AGG_PR_EN bit enables control of cell transmission rate of the aggregate
traffic sourced from the PCI Host. When AGG_PR_EN is set to logic one,
aggregate rate enforcement is enabled. When AGG_PR_EN is logic zero,
aggregate rate enforcement is not enforced. Actual rates can be programmed
using the TALP Aggregate Peak Cell Rate and TALP Aggregate Bucket Capacity
registers.
When the TALP Aggregate Peak Cell Rate and TALP Aggregate Bucket
Capacity registers are being modified, the AGG_PR_EN bit should be set to zero
to disable rate enforcement.
CIN_PR_EN:
The CIN_PR_EN bit enables control of cell transmission rate of the traffic
sourced from the multipurpose port. When CIN_PR_EN is set to logic one, rate
enforcement is enabled. When CIN_PR_EN is logic zero, rate enforcement is not
enforced. Actual rates can be programmed using the TALP Multipurpose Port
Peak Cell Rate and TALP Multipurpose Port Bucket Capacity registers.
When the TALP Multipurpose Port Peak Cell Rate and TALP Multipurpose
Port Bucket Capacity registers are being modified, the CIN_PR_EN bit should be
set to zero to disable rate enforcement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com