| Electronic Components Datasheet Search |
|
PM7375-SC Datasheet(PDF) 212 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC Datasheet(HTML) 212 Page - PMC-Sierra, Inc |
|
212 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 196 CIN_F4_EN: The CIN_F4_EN bit enables the TALP to calculate the CRC-10 on the F4 OAM cells sourced from the Multipurpose Port. When CIN_F4_EN is set to one, the TALP calculates and inserts the CRC-10 field for all F4 OAM cells sourced from the Multipurpose Port. When CIN_F4_EN is set to zero, the TALP does not calculate and insert the CRC-10 field into the F4 OAM cells. CIN_F5_EN: The CIN_F5_EN bit enables the TALP to calculate the CRC-10 on the F5 OAM cells sourced from the Multipurpose Port. When CIN_F5_EN is set to one, the TALP calculates and inserts the CRC-10 field for all F5 OAM cells sourced from the Multipurpose Port. When CIN_F5_EN is set to zero, the TALP does not calculate and insert the CRC-10 field into the F5 OAM cells. CIN_CL_EN: The CIN_CL_EN bit enables the TALP to calculate the CRC-10 on all cells sourced from the Multipurpose Port. When CIN_CL_EN is set to one, the TALP calculates and inserts the CRC-10 field for all cells sourced from the Multipurpose Port. When CIN_CL_EN is set to zero, the TALP does not calculate and insert the CRC-10 field into the cells. TAS_ERRE: The TAS_ERRE bit enables the TALP to generate an interrupt when an abort condition is detected on the data transfers from the PCID. When the TAS_ERRE bit is set to one, the TALP will generate an interrupt via the TALP Interrupt Status register when an abort condition is detected by the TALP on the data transfer from the PCID. When the TAS_ERRE bit is set to zero, the TALP does not generate an interrupt when the abort condition is detected. CIN_ERRE: The CIN_ERRE bit enables the TALP to generate an interrupt when an abort condition is detected on the Multipurpose Port. When the CIN_ERRE bit is set to one, the TALP will generate an interrupt via the TALP Interrupt Status register when an abort condition is detected by the Multipurpose Port. When the CIN_ERRE bit is set to zero, the TALP does not generate an interrupt when the abort condition is detected. An abort condition is detected if the TSOC input is sampled high in an unexpected location. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |