Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 213 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 213 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 209Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 210Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 211Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 212Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 213Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 214Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 215Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 216Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 217Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
197
10.1.90
Register 0x89 (0x224): TALP Interrupt Status
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
R
CIN_ERRI
X
Bit 0
R
TAS_ERRI
X
The TALP Interrupt Status register indicates the status of the TALP and the error
conditions identified by the TALP. Interrupt bits are cleared when this register is
read.
TAS_ERRI:
The TAS_ERRI bit is set when an abort condition is detected by the TALP on
data transfers from the PCID. An abort condition is indicated by the start of cell
indication being sampled in an incorrect location.
CIN_ERRI:
The CIN_ERRI bit is set when an abort condition is detected by the Multipurpose
Port. An abort condition is indicated by the start of cell indication (TSOC = 1)
being sampled in an incorrect location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com