Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 217 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 217 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 213Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 214Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 215Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 216Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 217Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 218Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 219Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 220Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 221Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
201
10.1.93
Register 0x8C (0x230): TALP Aggregate Bucket Capacity
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
R/W
ASR_CNT[2]
0
Bit 9
R/W
ASR_CNT[1]
0
Bit 8
R/W
ASR_CNT[0]
0
Bit 7
R/W
AB_CAP[7]
0
Bit 6
R/W
AB_CAP[6]
0
Bit 5
R/W
AB_CAP[5]
0
Bit 4
R/W
AB_CAP[4]
0
Bit 3
R/W
AB_CAP[3]
0
Bit 2
R/W
AB_CAP[2]
0
Bit 1
R/W
AB_CAP[1]
0
Bit 0
R/W
AB_CAP[0]
0
Note, when the TALP Aggregate Bucket Capacity register is being modified, the
AGG_PR_EN bit located in the TALP Control register, should be set to zero.
AB_CAP[7:0]:
The AB_CAP[7:0] bits define the size of the aggregate token bucket. Tokens are
added to the bucket at the sustainable cell rate as determined by the
ASR_CNT[2:0] field. Tokens are consumed at the peak cell rate as determined
by the TALP Aggregate Peak cell rate register. As controlled by the
AGG_PR_EN bit in the TALP Control register, cell transmission is only allowed
when the aggregate token bucket is not empty. If the bucket is empty,
transmission proceeds at the bucket fill rate (i.e. sustainable cell rate).
ASR_CNT[2:0]:
The ASR_CNT[2:0] bits are used to select the sustainable cell rate based on a
derivative of the peak cell rate. ASR_CNT[2:0] is the roll over value of the
aggregate sustainable rate counter which is clocked using the aggregate peak
cell rate counter. For example, given an aggregate peak cell rate of 10 Mbit/s, to
obtain a sustainable cell rate of 2 Mbit/s, the ASR_CNT[2:0] field should be set to
four 100B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com