Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 218 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 218 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 214Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 215Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 216Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 217Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 218Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 219Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 220Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 221Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 222Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
202
10.1.94
Register 0x8D (0x234): TALP Multipurpose Port Peak Cell Rate
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
R/W
CIN_PS[2]
0
Bit 9
R/W
CIN_PS[1]
0
Bit 8
R/W
CIN_PS[0]
0
Bit 7
R/W
CINPR_CNT[7]
0
Bit 6
R/W
CINPR_CNT[6]
0
Bit 5
R/W
CINPR_CNT[5]
0
Bit 4
R/W
CINPR_CNT[4]
0
Bit 3
R/W
CINPR_CNT[3]
0
Bit 2
R/W
CINPR_CNT[2]
0
Bit 1
R/W
CINPR_CNT[1]
0
Bit 0
R/W
CINPR_CNT[0]
0
Note, when the TALP Multipurpose Port Peak Cell Rate register is being modified,
the CIN_PR_EN bit located in the TALP Control register, should be set to zero.
CINPR_CNT[7:0]:
CINPR_CNT[7:0] specifies the Multipurpose Port peak cell rate.
CINPR_CNT[7:0] is the roll over value of the Multipurpose Port peak cell rate
counter which is clocked using a prescaled version of SYSCLK. Prescaling is
controlled using the CIN_PS[2:0] field. Below is an example for transmission at
the peak cell rates of 64 Kbps and 10 Mbit/s given a 33 MHz SYSCLK.
SYSCLK
F = 33 MHz
Prescale (CIN_PS)
4
16
64
256
1024
Peak Clock Period
PCP= 1/F * CIN_PS ns
121.21
484.85
1939.39
7757.58
31030.3
Peak Cell Rate (PCR)
CINPR_CNT = [(1/PCR) * 53 * 8 * (1/PCP)] - 1
64000 bps
INVALID
INVALID
INVALID
INVALID
214
10000000 bps
INVALID
86
21
4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com