Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 220 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 220 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 216Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 217Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 218Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 219Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 220Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 221Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 222Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 223Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 224Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
204
10.1.95
Register 0x8E (0x238): TALP Multipurpose Port Bucket Capacity
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
R/W
CINSR_CNT[2]
0
Bit 9
R/W
CINSR_CNT[1]
0
Bit 8
R/W
CINSR_CNT[0]
0
Bit 7
R/W
CINB_CAP[7]
0
Bit 6
R/W
CINB_CAP[6]
0
Bit 5
R/W
CINB_CAP[5]
0
Bit 4
R/W
CINB_CAP[4]
0
Bit 3
R/W
CINB_CAP[3]
0
Bit 2
R/W
CINB_CAP[2]
0
Bit 1
R/W
CINB_CAP[1]
0
Bit 0
R/W
CINB_CAP[0]
0
Note, when the TALP Multipurpose Port Bucket Capacity register is being modified,
the CIN_PR_EN bit located in the TALP Control register, should be set to zero.
CINB_CAP[7:0]:
The CINB_CAP[7:0] bits define the size of the multipurpose port token bucket.
Tokens are added to the bucket at the sustainable cell rate as determined by the
CINSR_CNT[2:0] field. Tokens are consumed at the peak cell rate as determined
by the TALP Multipurpose Port Peak Cell Rate register. As controlled by the
CIN_PR_EN bit in the TALP Control register, cell transmission is only allowed
when the multipurpose port token bucket contains tokens. If the bucket is empty,
transmission proceeds at the bucket fill rate (i.e. sustainable cell rate).
CINSR_CNT[2:0]:
The CINSR_CNT[2:0] bits are used to select the sustainable cell rate based on a
derivative of the peak cell rate. CINSR_CNT[2:0] is the roll over value of the
multipurpose port sustainable rate counter which is clocked using the
multipurpose port peak cell rate counter. For example, given a multipurpose port
peak cell rate of 10 Mbit/s, to obtain a multipurpose port cell rate of 5 Mbit/s, the
CINSR_CNT[2:0] field should be set to 001B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com