Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 140 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 140 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 136Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 137Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 138Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 139Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 140Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 141Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 142Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 143Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 144Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
124
10.1.14
Register 0x15 (0x054): TSOP Diagnostic
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
DLOS
0
Bit 1
R/W
DBIP8
0
Bit 0
R/W
DFP
0
DFP:
The DFP bit controls the insertion of a single bit error continuously in the most
significant bit (bit 1) of the A1 section overhead framing byte. When DFP is set to
logic one, the A1 bytes are set to 0x76 instead of 0xF6.
DBIP8:
The DBIP8 bit controls the insertion of bit errors continuously in the section BIP-
8 byte (B1). When DBIP8 is set to logic one, the B1 byte is inverted.
DLOS:
The DLOS bit controls the insertion of all zeros in the transmit stream. When
DLOS is set to logic one, the transmit stream is forced to 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com