Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 139 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 139 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 135Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 136Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 137Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 138Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 139Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 140Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 141Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 142Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 143Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
123
10.1.13
Register 0x14 (0x050): TSOP Control
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
Unused
X
Bit 6
R/W
DS
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
Reserved
0
Bit 0
R/W
LAIS
0
LAIS:
The LAIS bit controls the insertion of line alarm indication signal (AIS). When
LAIS is set to logic one, the TSOP inserts AIS into the transmit SONET stream.
Activation or deactivation of line AIS insertion is synchronized to frame
boundaries. Line AIS insertion results in all bits of the SONET frame being set to
1 prior to scrambling except for the section overhead.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.
DS:
The DS bit is set to logic one to disable the scrambling of the STS-3c (STM-1) or
STS-1 stream. When DS is a logic zero, scrambling is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com