Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 135 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 135 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 131Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 132Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 133Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 134Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 135Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 136Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 137Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 138Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 139Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
119
10.1.10
Register 0x11 (0x044): RSOP Status/Interrupt Status
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
Unused
X
Bit 6
R
BIPEI
X
Bit 5
R
LOSI
X
Bit 4
R
LOFI
X
Bit 3
R
OOFI
X
Bit 2
R
LOSV
X
Bit 1
R
LOFV
X
Bit 0
R
OOFV
X
OOFV:
The OOFV bit is read to determine the out of frame state of the RSOP. When
OOFV is high, the RSOP is out of frame. When OOFV is low, the RSOP is
in-frame.
LOFV:
The LOFV bit is read to determine the loss of frame state of the RSOP. When
LOFV is high, the RSOP has declared loss of frame.
LOSV:
The LOSV bit is read to determine the loss of signal state of the RSOP. When
LOSV is high, the RSOP has declared loss of signal.
OOFI:
The OOFI bit is the out of frame interrupt status bit. OOFI is set high when a
change in the out of frame state occurs. This bit is cleared when this register is
read.
LOFI:
The LOFI bit is the loss of frame interrupt status bit. LOFI is set high when a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com