Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 133 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 133 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 129Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 130Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 131Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 132Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 133Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 134Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 135Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 136Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 137Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
117
10.1.9 Register 0x10 (0x040): RSOP Control/Interrupt Enable
Bit
Type
Function
Default
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
Unused
X
Bit 8
Unused
X
Bit 7
R/W
Reserved
0
Bit 6
R/W
DDS
0
Bit 5
W
FOOF
X
Bit 4
R/W
ALGO2
0
Bit 3
R/W
BIPEE
0
Bit 2
R/W
LOSE
0
Bit 1
R/W
LOFE
0
Bit 0
R/W
OOFE
0
OOFE:
The OOFE bit is an interrupt enable for the out of frame alarm. When OOFE is
set to logic one, an interrupt is generated when the out of frame alarm changes
state.
LOFE:
The LOFE bit is an interrupt enable for the loss of frame alarm. When LOFE is
set to logic one, an interrupt is generated when the loss of frame alarm changes
state.
LOSE:
The LOSE bit is an interrupt enable for the loss of signal alarm. When LOSE is
set to logic one, an interrupt is generated when the loss of signal alarm changes
state.
BIPEE:
The BIPEE bit is an interrupt enable for the section BIP-8 errors. When BIPEE is
set to logic one, an interrupt is generated when a section BIP-8 error (B1) is
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com