Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 129 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 129 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 125Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 126Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 127Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 128Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 129Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 130Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 131Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 132Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 133Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
113
INIT_STAT:
The INIT_STAT bit indicates the initialization status of the LASAR-155. When the
INIT bit is set high, the LASAR-155 initializes its internal RAMs and sets the
INIT_STAT bit. The INIT_STAT bit remains set until the LASAR-155 has
completed its initialization procedures. When initialization has completed, the
LASAR-155 sets the INIT_STAT bit low.
INIT:
The INIT bit enables the internal initialization procedures. After startup and after
every reset, the user must force the LASAR-155 to execute its initialization
procedures before configuring the LASAR-155 for AAL Layer processing. When
INIT is set high, the LASAR-155 starts its initialization procedures. Once started,
initialization procedures are performed to completion. The INIT_STAT bit can be
used to indicate when the initialization procedures are complete. The INIT bit
must manually be set low.
The NVPI[3:0] and NVCI[3:0] fields in the COPS Control register must be
set to the desired value before INIT is used to start the internal initialization
procedure. The entire initialization procedure requires a maximum of 20 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com