Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 124Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 125Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 126Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 127Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 128Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 129Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 130Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 131Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
112
LOOPT:
The LOOPT bit selects the source of timing for the transmit section of the
LASAR-155. When LOOPT is a logic zero, the transmitter timing is derived from
inputs TRCLK+ and TRCLK-.
When LOOPT is a logic one, the transmitter timing is derived from the
receiver inputs RXD+ and RXD- when clock recovery is enabled and from
RRCLK+ and RRCLK- when clock recovery is disabled.
DLE:
The DLE bit enables the LASAR-155 diagnostic loopback. When DLE is a logic
one, the transmit stream is connected to the receive stream. Note, whether
loopback is through the CRU or not depends on the RBYP bit in the LASAR-155
Master Configuration register. Simultaneous diagnostic loopback and line
loopback is not supported.
LLE:
The LLE bit enables the LASAR-155 line loopback. When LLE is a logic one,
RXD+ and RXD-, are connected internally to TXD+ and TXD-, respectively.
Simultaneous diagnostic loopback and line loopback is not supported. Polarity
invert (RXDINV) is not supported when line loopback (LLE) is enabled (If LLE = 1
then RXDINV must be set to 0).
FIXPTR:
The FIXPTR bit disables transmit payload pointer adjustments. If the FIXPTR bit
is a logic 1, the transmit payload pointer is set at 522. If FIXPTR is a logic zero,
the payload pointer is controlled by the contents of the TPOP Pointer Control
register.
LCDV:
The LCDV bit reflects the current loss of cell delineation state. LCDV becomes a
logic 1 when an out of cell delineation state has persisted for 4 ms without any
lower level alarms (LOS, LOP, Path AIS, Line AIS) occurring. LCDV becomes
logic 0 when the SYNC state has been maintained for 4 ms.
LCDE:
The LCDE bit enables the loss of cell delineation (LCD) interrupt. When logic
one, the LASAR-155 INTB or PCIINTB output is asserted when there is a
change in the LCD state. When logic zero, the LASAR-155 INTB or PCIINTB
output is not affected by the change in LCD state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com