| Electronic Components Datasheet Search |
|
PM7375-SC Datasheet(PDF) 126 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC Datasheet(HTML) 126 Page - PMC-Sierra, Inc |
|
126 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 110 Bit 2 R TRCLKA X Bit 1 R RCLKA X Bit 0 R TCLKA X This register provides activity monitoring on LASAR-155 clocks. When a monitored clock signal makes a low to high transition, the corresponding register bit is set high. The bit will remain high until this register is read, at which point, all the bits in this register are cleared. A lack of transitions is indicated by the corresponding register bit reading low. This register should be read at regular intervals to detect clock failures. TCLKA: The TCLK active (TCLKA) bit monitors for low to high transitions on the TCLK output. TCLKA is set high on a rising edge of TCLK, and is set low when this register is read. RCLKA: The RCLK active (RCLKA) bit monitors for low to high transitions on the RCLK output. RCLKA is set high on a rising edge of RCLK, and is set low when this register is read. TRCLKA: The TRCLK active (TRCLKA) bit monitors for low to high transitions on the TRCLK+ and TRCLK- inputs. TRCLKA is set high on a rising edge of TRCLK+, and is set low when this register is read. RRCLKA: The RRCLK active (RRCLKA) bit monitors for low to high transitions on the RRCLK+ and RRCLK- inputs. RRCLKA is set high on a rising edge of RRCLK+, and is set low when this register is read. PCICLKA: The PCICLK active (PCICLKA) bit monitors for low to high transitions on the PCICLK input. PCICLKA is set high on a rising edge of PCICLK, and is set low when this register is read. SYSCLKA: The SYSCLK active (SYSCLKA) bit monitors for low to high transitions on the SYSCLK input. SYSCLKA is set high on a rising edge of SYSCLK, and is set low when this register is read. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |