Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 122 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 122 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 118Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 119Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 120Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 121Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 122Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 123Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 124Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 125Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 126Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
106
RSOPI:
The RSOPI bit is high when an interrupt request is active from the RSOP block.
The RSOP interrupt sources are enabled in the RSOP Control/Interrupt Enable
Register.
RLOPI:
The RLOPI bit is high when an interrupt request is active from the RLOP block.
The RLOP interrupt sources are enabled in the RLOP Interrupt Enable/Status
Register.
RPOPI:
The RPOPI bit is high when an interrupt request is active from the RPOP block.
The RPOP interrupt sources are enabled in the RPOP Interrupt Enable Register.
RACPI:
The RACPI bit is high when an interrupt request is active from the RACP block.
The RACP interrupt sources are enabled in the RACP Interrupt Enable/Status
Register.
TACPI:
The TACPI bit is high when an interrupt request is active from the TACP block.
The TACP interrupt sources are enabled in the TACP Interrupt Control/Status
Register.
RDOOLI:
The RDOOLI bit is the receive data out of lock interrupt status bit. RDOOLI is set
high when the RDOOLV bit of the LASAR-155 Clock Recovery Control and
Status register changes state. RDOOLV is a logic one if the divided down
recovered clock frequency is not within 488 ppm of the RRCLK+/- frequency or if
no transitions have occurred on the RXD+/- inputs for more than 80 bit periods.
RDOOLI is cleared when this register is read.
LCDI:
The LCDI interrupt bit is set high when entering and exiting loss of cell
delineation. This bit is reset immediately after a read to this register. The LCD
interrupt is enabled in the LASAR-155 Master Control Register.
TROOLI:
The TROOLI bit is the transmit reference out of lock interrupt status bit. TROOLI
is set high when the TROOLV bit of the LASAR-155 Clock Synthesis Control and
Status register changes state. TROOLV indicates the clock synthesis phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com