Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 119 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 119 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 115Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 116Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 117Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 118Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 119Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 120Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 121Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 122Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 123Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
103
TFIFOINV:
The TFIFOINV bit selects the active polarity of the TFIFOFB/TFIFOEB signal.
The default configuration selects TFIFOFB/TFIFOEB to be active low. When
TFIFOINV is set to logic one, the TFIFOFB/TFIFOEB signal becomes active
high. If TXPHYBP is set to logic one, TFIFOINV is not used and should be set to
logic zero.
AUTOPRDI
The AUTOPRDI bit determines whether STS path Remote Defect Indication
(RDI) is sent immediately upon detection of an incoming alarm. When
AUTOPRDI is set to logic one, STS path RDI is inserted immediately upon
declaration of loss of signal (LOS), loss of frame (LOF), line AIS, loss of pointer
(LOP), or STS path AIS.
AUTOLRDI
The AUTOLRDI bit determines whether the line Remote Defect Indication (RDI)
is sent immediately upon detection of an incoming alarm. When AUTOLRDI is
set to logic one, line RDI is inserted immediately upon declaration of loss of
signal (LOS), loss of frame (LOF) or line AIS.
AUTOFEBE
The AUTOFEBE bit determines whether line and path far end block errors are
sent upon detection of an incoming line and path BIP error events. When
AUTOFEBE is set to logic one, one line or path FEBE is inserted for each line or
path BIP error event. When AUTOFEBE is set to logic zero, incoming line or path
BIP error events do not generate FEBE events.
RATE[1:0]:
The RATE[1:0] bits select the operation rate of the LASAR-155. The default
configuration selects STS-3c (STM-1) rate operation. The LASAR-155 will not
operate correctly if a Reserved mode is selected.
RATE[1:0]
MODE
00
Reserved
01
Reserved
10
51.84 Mbit/s, STS-1
11
155.52 Mbit/s, STS-3c (STM-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com