Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 115 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 115 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 111Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 112Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 113Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 114Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 115Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 116Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 117Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 118Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 119Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
99
10
NORMAL MODE REGISTER DESCRIPTIONS
Normal mode registers are used to configure and monitor the operation of the
LASAR-155. Normal mode registers can be one of three types, Selectable Master
registers, Microprocessor Only Access registers and PCI Host Only Access
registers. Register description types are described above in the Microprocessor and
PCI Host Register Memory Map section. When using the microprocessor interface,
normal mode registers (as opposed to test mode registers) are selected when TRS
(A[8]) is low.
Notes on Normal Mode Register Bits:
1. Writing values into unused register bits has no effect. However, to ensure
software compatibility with future, feature-enhanced versions of the product,
unused register bits must be written with logic zero. Reading back unused bits
can produce either a logic one or a logic zero; hence unused register bits should
be masked off by software when read.
2. All configuration bits that can be written into can also be read back. This allows
the processor controlling the LASAR-155 to determine the programming state of
the block.
3. Writable normal mode register bits are cleared to logic zero upon reset unless
otherwise noted.
4. Writing into read-only normal mode register bit locations does not affect
LASAR-155 operation unless otherwise noted.
5. Certain register bits are reserved. These bits are associated with megacell
functions that are unused in this application. To ensure that the LASAR-155
operates as intended, reserved register bits must only be written with their
default values. Similarly, writing to reserved registers should be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com