Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 118 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 118 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 114Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 115Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 116Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 117Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 118Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 119Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 120Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 121Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 122Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
102
10.1.2 Register 0x01 (0x004): LASAR-155 Master Configuration
Bit
Type
Function
Default
Bit 15
R/W
AUTOXOFF
0
Bit 14
R/W
TBYP
0
Bit 13
R/W
RBYP
0
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
R/W
RATE[1]
1
Bit 8
R/W
RATE[0]
1
Bit 7
R/W
UNI_POTS
0
Bit 6
R/W
AUTOFEBE
1
Bit 5
R/W
AUTOLRDI
1
Bit 4
R/W
AUTOPRDI
1
Bit 3
R/W
TFIFOINV
0
Bit 2
R/W
RFIFOINV
0
Bit 1
R/W
RXDINV
0
Bit 0
R/W
STS1
0
STS1:
The STS1 bit configures the LASAR-155 to expect a STS-1 Physical
Transmission Convergence sub layer. When STS1 is set to logic one, the
LASAR-155 is configured for a STS-1 Physical Transmission Convergence sub
layer. When STS1 is set to logic zero, the LASAR-155 is configured for a STS-3c
(STM-1) Physical Transmission Convergence sub layer.
RXDINV:
The RXDINV bit selects the active polarity of the RXD+/- signals. The default
configuration selects RXD+ to be active high and RXD- to be active low. When
RXDINV is set to logic one, RXD+ to be active low and RXD- to be active high.
Polarity invert (RXDINV) is not supported when line loopback (LLE) is enabled (If
LLE = 1 then RXDINV must be set to 0).
RFIFOINV:
The RFIFOINV bit selects the active polarity of the RFIFOEB/RFIFOFB signal.
The default configuration selects RFIFOEB/RFIFOFB to be active low. When
RFIFOINV is set to logic one, the RFIFOEB/RFIFOFB signal becomes active
high. If RXPHYBP is set to logic one, RFIFOINV is not used and should be set
to logic zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com