Electronic Components Datasheet Search
  English  ▼

X  

PM7375-SC Datasheet(PDF) 120 Page - PMC-Sierra, Inc

Part # PM7375-SC
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375-SC Datasheet(HTML) 120 Page - PMC-Sierra, Inc

Back Button PM7375-SC Datasheet HTML 116Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 117Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 118Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 119Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 120Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 121Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 122Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 123Page - PMC-Sierra, Inc PM7375-SC Datasheet HTML 124Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
104
UNI_POTS
The UNI_POTS bit selects the function for the RGFC/RLD, RCP/RLDCLK,
TGFC/TLD and TCP/TLDCLK. When UNI_POTS is set to logic one, the signals
are configured to source and sink the SONET Line Data Communication
Channel (DCC). When UNI_POTS is set to logic zero, the signals are configured
to source and sink the GFC bits in cell headers.
RBYP
The RBYP bit disables clock recovery. When RBYP is set to logic one, RXD+/- is
sampled on the rising edge of RRCLK+/-. When RBYP is set to logic zero, the
receive clock is recovered from the RXD+/- bit stream.
TBYP
The TBYP bit disables clock synthesis. When TBYP is set to logic one, transmit
clock synthesis is disabled and TRCLK+/- becomes the line rate clock of 155.52
MHz or 51.84 MHz. When TBYP is set to logic zero, the transmit clock is
synthesized from a 19.44 MHz or 6.48 MHz reference.
AUTOXOFF
The AUTOXOFF bit determines whether to use the received GFC codes to
enforce an XON/XOFF protocol. When AUTOXOFF is set to logic one, receive
GFC codes are used to XON and XOFF transmission. When AUTOXOFF is set
to logic zero, the received GFC codes are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com