| Electronic Components Datasheet Search |
|
PM7375-SC Datasheet(PDF) 116 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7375-SC Datasheet(HTML) 116 Page - PMC-Sierra, Inc |
|
116 / 430 page ![]() PM7375 LASAR-155 DATA SHEET PMC-931127 ISSUE 6 LOCAL ATM SAR & PHYSICAL LAYER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 100 10.1 Selectable Master Registers Selectable Master registers can be accessed by either the PCI Host or the microprocessor as configured by input, MPENB. It is expected that the master is selected when the device is powered up. For each register description below, the hexadecimal register number indicates the address of the register when accesses are made using the microprocessor port. The hexadecimal number in brackets indicates the PCI offset from the base address in the LASAR-155 Memory Base Address Register when accesses are made using the PCI Host Port. 10.1.1 Register 0x00 (0x000): LASAR-155 Master Reset / Load Meters Bit Type Function Default Bit 15 R/W RESET 0 Bit 14 Unused X Bit 13 Unused X Bit 12 Unused X Bit 11 Unused X Bit 10 Unused X Bit 9 Unused X Bit 8 Unused X Bit 7 Unused X Bit 6 R Reserved 0 Bit 5 R Reserved 0 Bit 4 R Reserved 0 Bit 3 R Reserved 0 Bit 2 R Reserved 0 Bit 1 R Reserved 0 Bit 0 R Reserved 0 Writing to this register simultaneously loads all the performance meter registers in the RSOP, RLOP, RPOP, RACP, TACP, SAR PMON blocks. A maximum of 7 µs are required to load all registers after a write. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |