Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 30Page - Cypress Semiconductor CYRF69103 Datasheet HTML 31Page - Cypress Semiconductor CYRF69103 Datasheet HTML 32Page - Cypress Semiconductor CYRF69103 Datasheet HTML 33Page - Cypress Semiconductor CYRF69103 Datasheet HTML 34Page - Cypress Semiconductor CYRF69103 Datasheet HTML 35Page - Cypress Semiconductor CYRF69103 Datasheet HTML 36Page - Cypress Semiconductor CYRF69103 Datasheet HTML 37Page - Cypress Semiconductor CYRF69103 Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 34 of 73
Table 51.P1.4–P1.6 Configuration (P14CR–P16CR) [0x11–0x13] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
SPI Use
Int Enable
Int Act Low
Reserved
High Sink
Open Drain
Pull-up Enable Output Enable
Read/Write
R/W
R/W
R/W
–
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
These registers control the operation of pins P1.4–P1.6, respectively
The P1.4–P1.6 GPIO’s threshold is always set to TTL
When the SPI hardware is enabled, pins that are configured as SPI Use have their output enable and output state controlled by the SPI circuitry.
When the SPI hardware is disabled or a pin has its SPI Use bit clear, the pin is controlled by the Output Enable bit and the corresponding bit in
the P1 data register
Regardless of whether any pin is used as an SPI or GPIO pin the Int Enable, Int act Low, High Sink, Open Drain, and Pull-up Enable control the
behavior of the pin
The 50-mA sink drive capability is only available in the CY7C602xx. In the CY7C601xx, only 8-mA sink drive capability is available on this pin
regardless of the setting of the High Sink bit
Bit 7
SPI Use
0 = Disable the SPI alternate function. The pin is used as a GPIO
1 = Enable the SPI function. The SPI circuitry controls the output of the pin
Important Note for Comm Modes 01 or 10 (SPI Master or SPI Slave, see
Table 55)
When configured for SPI (SPI Use = 1 and Comm Modes [1:0] = SPI Master or SPI Slave mode), the input/output direction of pins P1.3, P1.5,
and P1.6 is set automatically by the SPI logic. However, pin P1.4's input/output direction is NOT automatically set; it must be explicitly set by
firmware. For SPI Master mode, pin P1.4 must be configured as an output; for SPI Slave mode, pin P1.4 must be configured as an input
Table 52. P1.7 Configuration (P17CR) [0x14] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
Reserved
High Sink
Open Drain
Pull-up Enable Output Enable
Read/Write
–
R/W
R/W
–
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
This register controls the operation of pin P1.7
50-mA sink drive capability is available. The P1.7 GPIO’s threshold is always set to TTL
Table 53.P2 Configuration (P2CR) [0x15] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
TTL Thresh
High Sink
Open Drain
Pull-up Enable Output Enable
Read/Write
–
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
This register controls the operation of pins P2.0–P2.1
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com