Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 28Page - Cypress Semiconductor CYRF69103 Datasheet HTML 29Page - Cypress Semiconductor CYRF69103 Datasheet HTML 30Page - Cypress Semiconductor CYRF69103 Datasheet HTML 31Page - Cypress Semiconductor CYRF69103 Datasheet HTML 32Page - Cypress Semiconductor CYRF69103 Datasheet HTML 33Page - Cypress Semiconductor CYRF69103 Datasheet HTML 34Page - Cypress Semiconductor CYRF69103 Datasheet HTML 35Page - Cypress Semiconductor CYRF69103 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 32 of 73
Table 45.P0.1/CLKOUT Configuration (P01CR) [0x06] R/W]
Bit #
7
6
5
4
3
2
1
0
Field
CLK Output
Int Enable
Int Act Low
TTL Thresh
High Sink
Open Drain
Pull-up Enable Output Enable
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
This pin is shared between P0.1 GPIO use and the CLKOUT pin for the external crystal oscillator. When the external oscillator is enabled the
settings of this register are ignored. When CLK output is set, the internally selected clock is sent out onto P0.1CLKOUT pin
The alternate function of the pin as the CLKOUT is only available in the CY7C601xx. When the external oscillator is enabled (the XOSC Enable
bit of the CLKIOCR Register is set—
Table 73), the GPIO function of the pin is disabled
The 50-mA sink drive capability is only available in the CY7C601xx. In the CY7C602xx, only 8-mA sink drive capability is available on this pin
regardless of the setting of the High Sink bit
If this pin is used as a general-purpose output it will draw current. This pin should be configured as an input to reduce current draw
Bit 7
CLK Output
0 = The clock output is disabled
1 = The clock selected by the CLK Select field (Bit [1:0] of the CLKIOCR Register—
Table 73) is driven out to the pin
Table 46.P0.3–P0.4 Configuration (P03CR–P04CR) [0x07–0x09] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Act Low
TTL Thresh
Reserved
Open Drain
Pull-up Enable Output Enable
Read/Write
–
–
R/W
R/W
–
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
These registers control the operation of pins P0.2–P0.4 respectively. These pins are shared between the P0.2–P0.4 GPIOs and the INT0–INT2.
The INT0–INT2 interrupts are different than all the other GPIO interrupts. These pins are connected directly to the interrupt controller to provide
three edge-sensitive interrupts with independent interrupt vectors. These interrupts occur on a rising edge when Int act Low is clear and on a
falling edge when Int act Low is set. These pins are enabled as interrupt sources in the interrupt controller registers (
Table 71 and Table 69)
To use these pins as interrupt inputs, configure them as inputs by clearing the corresponding Output Enable. If the INT0–INT2 pins are configured
as outputs with interrupts enabled, firmware can generate an interrupt by writing the appropriate value to the P0.2, P0.3, and P0.4 data bits in
the P0 Data Register
Regardless of whether the pins are used as Interrupt or GPIO pins the Int Enable, Int act Low, TTL Threshold, Open Drain, and Pull-up Enable
bits control the behavior of the pin
The P0.2/INT0–P0.4/INT2 pins are individually configured with the P02CR (0x07), P03CR (0x08), and P04CR (0x09) respectively
Note Changing the state of the Int Act Low bit can cause an unintentional interrupt to be generated. When configuring these interrupt sources,
it is best to follow the following procedure:
1. Disable interrupt source
2. Configure interrupt source
3. Clear any pending interrupts from the source
4. Enable interrupt source
Table 47.P0.7 Configuration (P07CR) [0x0C] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
TTL Thresh
Reserved
Open Drain
Pull-up Enable Output Enable
Read/Write
–
R/W
R/W
R/W
–
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
This register controls the operation of pin P0.7
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com