Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 7Page - Cypress Semiconductor CYRF69103 Datasheet HTML 8Page - Cypress Semiconductor CYRF69103 Datasheet HTML 9Page - Cypress Semiconductor CYRF69103 Datasheet HTML 10Page - Cypress Semiconductor CYRF69103 Datasheet HTML 11Page - Cypress Semiconductor CYRF69103 Datasheet HTML 12Page - Cypress Semiconductor CYRF69103 Datasheet HTML 13Page - Cypress Semiconductor CYRF69103 Datasheet HTML 14Page - Cypress Semiconductor CYRF69103 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 11 of 73
Stack Pointer Register
CPU Program Counter High Register
CPU Program Counter Low Register
Addressing Modes
Examples of the different addressing modes are discussed in
this section and example code is given.
Source Immediate
The result of an instruction using this addressing mode is
placed in the A register, the F register, the SP register, or the
X register, which is specified as part of the instruction opcode.
Operand 1 is an immediate value that serves as a source for
the instruction. Arithmetic instructions require two sources.
Instructions using this addressing mode are two bytes in
length.
Examples
Source Direct
The result of an instruction using this addressing mode is
placed in either the A register or the X register, which is
specified as part of the instruction opcode. Operand 1 is an
address that points to a location in either the RAM memory
space or the register space that is the source for the
instruction. Arithmetic instructions require two sources; the
second source is the A register or X register specified in the
opcode. Instructions using this addressing mode are two bytes
in length.
Table 6. CPU Stack Pointer Register (CPU_SP)
Bit #
7
6
5
4
3
2
1
0
Field
Stack Pointer [7:0]
Read/Write
–
–
–
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
Bits 7:0
Stack Pointer [7:0]
8-bit data value holds a pointer to the current top-of-stack
Table 7. CPU Program Counter High Register (CPU_PCH)
Bit #
7
6
5
4
3
2
1
0
Field
Program Counter [15:8]
Read/Write
–
–
–
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
Bits 7:0
Program Counter [15:8]
8-bit data value holds the higher byte of the program counter
Table 8. CPU Program Counter Low Register (CPU_PCL)
Bit #
7
6
5
4
3
2
1
0
Field
Program Counter [7:0]
Read/Write
–
–
–
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
Bit 7:0
Program Counter [7:0]
8-bit data value holds the lower byte of the program counter
Table 9. Source Immediate
Opcode
Operand 1
Instruction
Immediate Value
ADD
A,
7
;In this case, the immediate value
;of 7 is added with the Accumulator,
;and the result is placed in the
;Accumulator.
MOV
X,
8
;In this case, the immediate value
;of 8 is moved to the X register.
AND
F,
9
;In this case, the immediate value
;of 9 is logically ANDed with the F
;register and the result is placed
;in the F register.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com