Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 12Page - Cypress Semiconductor CYRF69103 Datasheet HTML 13Page - Cypress Semiconductor CYRF69103 Datasheet HTML 14Page - Cypress Semiconductor CYRF69103 Datasheet HTML 15Page - Cypress Semiconductor CYRF69103 Datasheet HTML 16Page - Cypress Semiconductor CYRF69103 Datasheet HTML 17Page - Cypress Semiconductor CYRF69103 Datasheet HTML 18Page - Cypress Semiconductor CYRF69103 Datasheet HTML 19Page - Cypress Semiconductor CYRF69103 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 16 of 73
Data Memory Organization
The MCU function provides up to 256 bytes of data RAM
Figure 10. Data Memory Organization
Flash
This section describes the Flash block of the CYRF69103.
Much of the user-visible Flash functionality, including
programming and security, are implemented in the M8C
Supervisory Read Only Memory (SROM). CYRF69103 Flash
has an endurance of 1000 cycles and 10-year data retention.
Flash Programming and Security
All Flash programming is performed by code in the SROM. The
registers that control the Flash programming are only visible
to the M8C CPU when it is executing out of SROM. This makes
it impossible to read, write, or erase the Flash by bypassing
the security mechanisms implemented in the SROM.
Customer firmware can only program the Flash via SROM
calls. The data or code images can be sourced by way of any
interface with the appropriate support firmware. This type of
programming requires a ‘boot-loader’—a piece of firmware
resident on the Flash. For safety reasons this boot-loader
should not be over written during firmware rewrites.
The Flash provides four auxiliary rows that are used to hold
Flash block protection flags, boot time calibration values,
configuration tables, and any device values. The routines for
accessing these auxiliary rows are documented in the SROM
section. The auxiliary rows are not affected by the device
erase function.
In-System Programming
CYRF69103 enables this type of in-system programming by
using the P1.0 and P1.1 pins as the serial programming mode
interface. This allows an external controller to cause the
CYRF69103 to enter serial programming mode and then to
use the test queue to issue Flash access functions in the
SROM.
SROM
The SROM holds code that is used to boot the part, calibrate
circuitry, and perform Flash operations (Table 20 lists the
SROM functions). The functions of the SROM may be
accessed in normal user code or operating from Flash. The
SROM exists in a separate memory space from user code.
The SROM functions are accessed by executing the Super-
visory System Call instruction (SSC), which has an opcode of
00h. Prior to executing the SSC, the M8C’s accumulator needs
to be loaded with the desired SROM function code from
Table 20. Undefined functions will cause a HALT if called from
user code. The SROM functions are executing code with calls;
therefore, the functions require stack space. With the
exception of Reset, all of the SROM functions have a
parameter block in SRAM that must be configured before
executing the SSC. Table 21 lists all possible parameter block
variables. The meaning of each parameter, with regards to a
specific SROM function, is described later in this chapter
Two important variables that are used for all functions are
KEY1 and KEY2. These variables are used to help discrim-
inate between valid SSCs and inadvertent SSCs. KEY1 must
always have a value of 3Ah, while KEY2 must have the same
value as the stack pointer when the SROM function begins
execution. This would be the Stack Pointer value when the
SSC opcode is executed, plus three. If either of the keys do
not match the expected values, the M8C will halt (with the
exception of the SWBootReset function). The following code
puts the correct value in KEY1 and KEY2. The code starts with
after reset
Address
8-bit PSP
0x00
Stack begins here and grows upward
Top of RAM Memory
0xFF
Table 20.SROM Function Codes
Function Code
Function Name
Stack Space
00h
SWBootReset
0
01h
ReadBlock
7
02h
WriteBlock
10
03h
EraseBlock
9
05h
EraseAll
11
06h
TableRead
3
07h
CheckSum
3
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com