Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 65Page - Cypress Semiconductor CYRF69103 Datasheet HTML 66Page - Cypress Semiconductor CYRF69103 Datasheet HTML 67Page - Cypress Semiconductor CYRF69103 Datasheet HTML 68Page - Cypress Semiconductor CYRF69103 Datasheet HTML 69Page - Cypress Semiconductor CYRF69103 Datasheet HTML 70Page - Cypress Semiconductor CYRF69103 Datasheet HTML 71Page - Cypress Semiconductor CYRF69103 Datasheet HTML 72Page - Cypress Semiconductor CYRF69103 Datasheet HTML 73Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 71 of 73
Transmit Spurious Emission (PA = 7)
In-band Spurious Second Channel Power (±2 MHz)
–38
dBm
In-band Spurious Third Channel Power (>3 MHz)
–44
dBm
Non-Harmonically Related Spurs (8.000 GHz)
–38
dBm
Non-Harmonically Related Spurs (1.6 GHz)
–34
dBm
Non-Harmonically Related Spurs (3.2 GHz)
–47
dBm
Harmonic Spurs (Second Harmonic)
–43
dBm
Harmonic Spurs (Third Harmonic)
–48
dBm
Fourth and Greater Harmonics
–59
dBm
Power Management (Crystal PN# eCERA GF-1200008)
Crystal Start to 10ppm
0.7
1.3
ms
Crystal Start to IRQ
XSIRQ EN = 1
0.6
ms
Synth Settle
Slow channels
270
µs
Synth Settle
Medium channels
180
µs
Synth Settle
Fast channels
100
µs
Link Turnaround Time
GFSK
30
µs
Link Turnaround Time
250 kbps
62
µs
Link Turnaround Time
125 kbps
94
µs
Link Turnaround Time
<125 kbps
31
µs
Max. packet length
< 60 ppm crystal to crystal, all
modes except 64-DDR
40
bytes
Max. packet length
< 60 ppm crystal to crystal,
64-DDR
16
bytes
Table 74.Radio Parameters (continued)
Parameter Description
Conditions
Min.
Typ.
Max.
Unit
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com