Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 19Page - Cypress Semiconductor CYRF69103 Datasheet HTML 20Page - Cypress Semiconductor CYRF69103 Datasheet HTML 21Page - Cypress Semiconductor CYRF69103 Datasheet HTML 22Page - Cypress Semiconductor CYRF69103 Datasheet HTML 23Page - Cypress Semiconductor CYRF69103 Datasheet HTML 24Page - Cypress Semiconductor CYRF69103 Datasheet HTML 25Page - Cypress Semiconductor CYRF69103 Datasheet HTML 26Page - Cypress Semiconductor CYRF69103 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 23 of 73
Figure 11. Programmable Interval Timer Block Diagram
Internal Clock Trim
S yste m
Clo c k
C lo ck
Tim e r
C onfig uratio n
S tatus an d
Co n tro l
12 -b it
re lo a d
va lu e
12 -b it d o w n
co u n te r
12 -b it
re lo a d
cou n te r
In te rru p t
C o n tro lle r
Table 35.IOSC Trim (IOSCTR) [0x34] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
foffset[2:0]
Gain[4:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
D
D
D
D
D
The IOSC Calibrate register is used to calibrate the internal oscillator. The reset value is undefined but during boot the SROM writes a calibration
value that is determined during manufacturing test. The ‘D’ indicates that the default value is trimmed to 24 MHz @ 3.30V at power on
Bits 7:5
foffset [2:0]
This value is used to trim the frequency of the internal oscillator. These bits are not used in factory calibration and will be zero.
Setting each of these bits causes the appropriate fine offset in oscillator frequency
foffset bit 0 = 7.5 kHz
foffset bit 1 = 15 kHz
foffset bit 2 = 30 kHz
Bits 4:0
Gain [4:0]
The effective frequency change of the offset input is controlled through the gain input. A lower value of the gain setting increases
the gain of the offset input. This value sets the size of each offset step for the internal oscillator. Nominal gain change (KHz/off-
setStep) at each bit, typical conditions (24-MHz operation)
Gain bit 0 = –1.5 kHz
Gain bit 1 = –3.0 kHz
Gain bit 2 = –6 kHz
Gain bit 4 = –24 kHz
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com