Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 65 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 65 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 61Page - Cypress Semiconductor CYRF69103 Datasheet HTML 62Page - Cypress Semiconductor CYRF69103 Datasheet HTML 63Page - Cypress Semiconductor CYRF69103 Datasheet HTML 64Page - Cypress Semiconductor CYRF69103 Datasheet HTML 65Page - Cypress Semiconductor CYRF69103 Datasheet HTML 66Page - Cypress Semiconductor CYRF69103 Datasheet HTML 67Page - Cypress Semiconductor CYRF69103 Datasheet HTML 68Page - Cypress Semiconductor CYRF69103 Datasheet HTML 69Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 65 of 73
Radio Function Currents (VCC = 3.0V, MCU Sleep)
IDLE ICC
Radio off, XTAL Active
XOUT disabled
1.1
mA
Isynth
ICC during Synth Start
8.6
mA
TX ICC
ICC during Transmit
PA = 5 (–5 dBm)
21.2
mA
TX ICC
ICC during Transmit
PA = 6 (0 dBm)
28.5
mA
TX ICC
ICC during Transmit
PA = 7 (+4 dBm)
39.9
mA
RX ICC
ICC during Receive
LNA off, ATT on.
18.9
mA
RX ICC
ICC during Receive
LNA on, ATT off.
21.9
mA
Boost Eff
PMU Boost Converter Efficiency
VBAT = 2.5V,
VREG = 2.73V, ILOAD = 20 mA
83
%
ILOAD_EXT
Average PMU External Load current
VBAT = 1.8V,
VREG = 2.73V, RX Mode
15
mA
MCU Function Currents (VDD = 3.0V)
IDD1
VDD Operating Supply Current
CPU speed = 6 MHz
5.0
mA
IDD1
VDD Operating Supply Current
CPU speed = 3 MHz
4.4
mA
Radio Function GPIO Interface
VOH1
Output High Voltage Condition 1
At IOH = –100.0 µA
VIO – 0.1
VIO
V
VOH2
Output High Voltage Condition 2
At IOH = –2.0 mA
VIO – 0.4
VIO
V
VOL
Output Low Voltage
At IOL = 2.0 mA
0
0.4
V
VIH
Input High Voltage
0.76VIO
VIO
V
VIL
Input Low Voltage
0
0.24VIO
V
IIL
Input Leakage Current
0 < VIN < VIO
–1
0.26
+1
µA
CIN
Pin Input Capacitance
except XTAL, RFN, RFP, RFBIAS
3.5
10
pF
MCU Function GPIO Interface
RUP
Pull-up Resistance
4
12
K
Ω
VICR
Input Threshold Voltage Low, CMOS
mode
Low to High edge
40%
65%
VCC
VICF
Input Threshold Voltage Low, CMOS
mode
High to Low edge
30%
55%
VCC
VHC
Input Hysteresis Voltage, CMOS Mode
High to low edge
3%
10%
VCC
VILTTL
Input Low Voltage, TTL Mode
0.72
V
VIHTTL
Input HIGH Voltage, TTL Mode
1.6
V
VOL1
Output Low Voltage, High Drive[12]
IOL1 = 50 mA
1.4
V
VOL2
Output Low Voltage, High Drive[12]
IOL1 = 25 mA
0.4
V
VOL3
Output Low Voltage, Low Drive
IOL2 = 8 mA
0.8
V
VOH
Output High Voltage[13]
IOH = 2 mA
VCC – 0.5
V
DC Characteristics (T = 25°C) (continued)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Notes
12. Available only on P1.3,P1.4,P1.5,P1.6,P1.7.
13. Except for pins P1.0, P1,1 in GPIO mode.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com