Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 29Page - Cypress Semiconductor CYRF69103 Datasheet HTML 30Page - Cypress Semiconductor CYRF69103 Datasheet HTML 31Page - Cypress Semiconductor CYRF69103 Datasheet HTML 32Page - Cypress Semiconductor CYRF69103 Datasheet HTML 33Page - Cypress Semiconductor CYRF69103 Datasheet HTML 34Page - Cypress Semiconductor CYRF69103 Datasheet HTML 35Page - Cypress Semiconductor CYRF69103 Datasheet HTML 36Page - Cypress Semiconductor CYRF69103 Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 33 of 73
Table 48.P1.1 Configuration (P11CR) [0x0E] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
Reserved
Open Drain
Reserved
Output Enable
Read/Write
–
R/W
R/W
–
–
R/W
–
R/W
Default
0
0
0
0
0
0
0
0
This register controls the operation of the P1.1 pin
The pull-up resistor on this pin is enabled by the P10CR Register
Note There is no 2-mA sourcing capability on this pin. The pin can only sink 5 mA at VOL3 section
Table 49.P1.2 Configuration (P12CR) [0x0F] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
CLK Output
Int Enable
Int Act Low
TTL Threshold
Reserved
Open Drain
Pull-up Enable Output Enable
Read/Write
R/W
R/W
R/W
R/W
–
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
This register controls the operation of the P1.2
Bit 7
CLK Output
0 = The internally selected clock is not sent out onto P1.2 pin
1 = When CLK Output is set, the internally selected clock is sent out onto P1.2 pin.
Table 50.P1.3 Configuration (P13CR) [0x10] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Int Enable
Int Act Low
Reserved
High Sink
Open Drain
Pull-up Enable Output Enable
Read/Write
–
R/W
R/W
–
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
This register controls the operation of the P1.3 pin
The P1.3 GPIO’s threshold is always set to TTL
When the SPI hardware is enabled, the output enable and output state of the pin is controlled by the SPI circuitry. When the SPI hardware is
disabled, the pin is controlled by the Output Enable bit and the corresponding bit in the P1 data register
Regardless of whether the pin is used as an SPI or GPIO pin the Int Enable, Int act Low, High Sink, Open Drain, and Pull-up Enable control the
behavior of the pin
50-mA sink drive capability is available
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com