Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 22Page - Cypress Semiconductor CYRF69103 Datasheet HTML 23Page - Cypress Semiconductor CYRF69103 Datasheet HTML 24Page - Cypress Semiconductor CYRF69103 Datasheet HTML 25Page - Cypress Semiconductor CYRF69103 Datasheet HTML 26Page - Cypress Semiconductor CYRF69103 Datasheet HTML 27Page - Cypress Semiconductor CYRF69103 Datasheet HTML 28Page - Cypress Semiconductor CYRF69103 Datasheet HTML 29Page - Cypress Semiconductor CYRF69103 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 26 of 73
is the hex value 0x38, the Sleep Timer will also be cleared at
the same time.
Sleep Mode
The CPU can only be put to sleep by the firmware. This is
accomplished by setting the Sleep bit in the System Status and
Control Register (CPU_SCR). This stops the CPU from
executing instructions, and the CPU will remain asleep until an
interrupt comes pending, or there is a reset event (either a
Power-on Reset, or a Watchdog Timer Reset).
The Low-voltage Detection circuit (LVD) drops into fully
functional power-reduced states, and the latency for the LVD
is increased. The actual latency can be traded against power
consumption by changing the Sleep Duty Cycle field of the
ECO_TR Register.
The Internal 32-KHz Low-speed Oscillator remains running.
Prior to entering suspend mode, firmware can optionally
configure the 32-KHz Low-speed Oscillator to operate in a
low-power
mode
to
help
reduce
the
overall
power
consumption (using the 32-KHz Low Power bit, Table 36). This
will help save approximately 5
µA; however, the trade off is
that the 32-KHz Low-speed Oscillator will be less accurate
(–53.12% to +56.25% deviation).
All interrupts remain active. Only the occurrence of an interrupt
will wake the part from sleep. The Stop bit in the System Status
and Control Register (CPU_SCR) must be cleared for a part
to resume out of sleep. The Global Interrupt Enable bit of the
CPU Flags Register (CPU_F) does not have any effect. Any
unmasked interrupt will wake the system up. As a result, any
interrupts not intended for waking should be disabled through
the Interrupt Mask Registers.
When the CPU enters sleep mode the CPUCLK Select (Bit 1,
Table 32) is forced to the Internal Oscillator. The internal oscil-
lator recovery time is three clock cycles of the Internal 32-kHz
Low-power Oscillator. The Internal 24-MHz Oscillator restarts
immediately on exiting Sleep mode. If the external crystal
oscillator is used, firmware will need to switch the clock source
for the CPU.
Unlike the Internal 24-MHz Oscillator, the external oscillator is
not automatically shut down during sleep. Systems that need
the external oscillator disabled in sleep mode will need to
disable the external oscillator prior to entering sleep mode. In
systems where the CPU runs off the external oscillator,
firmware will need to switch the CPU to the internal oscillator
prior to disabling the external oscillator.
On exiting sleep mode, once the clock is stable and the delay
time has expired, the instruction immediately following the
sleep instruction is executed before the interrupt service
routine (if enabled).
The Sleep interrupt allows the microcontroller to wake up
periodically and poll system components while maintaining
very low average power consumption. The Sleep interrupt
may also be used to provide periodic interrupts during
non-sleep modes.
Sleep Sequence
The SLEEP bit is an input into the sleep logic circuit. This
circuit is designed to sequence the device into and out of the
hardware sleep state. The hardware sequence to put the
device to sleep is shown in Figure 12 and is defined as follows.
1. Firmware sets the SLEEP bit in the CPU_SCR0 register.
The Bus Request (BRQ) signal to the CPU is immediately
asserted. This is a request by the system to halt CPU op-
eration at an instruction boundary. The CPU samples BRQ
on the positive edge of CPUCLK.
2. Due to the specific timing of the register write, the CPU
issues a Bus Request Acknowledge (BRA) on the following
positive edge of the CPU clock. The sleep logic waits for
the following negative edge of the CPU clock and then
asserts a system-wide Power Down (PD) signal. In
Figure 12 the CPU is halted and the system-wide power
down signal is asserted.
3. The system-wide PD (power down) signal controls several
major circuit blocks: The Flash memory module, the internal
24-MHz oscillator, the EFTB filter and the bandgap voltage
reference. These circuits transition into a zero power state.
The only operational circuits on chip are the Low Power
oscillator, the bandgap refresh circuit, and the supply
voltage monitor (POR/LVD) circuit.
The external crystal oscillator on CYRF69103 devices is not
automatically powered down when the CPU enters the sleep
state. Firmware must explicitly disable the external crystal
oscillator in order to reduce power to levels specified.
Note To achieve the lowest possible power consumption
during suspend/sleep, the following conditions must be
observed in addition to considerations for the sleep timer and
external crystal oscillator:
• All GPIOs must be set to outputs and driven low
• The port pins P1.0 and P1.1 should be configured as inputs
with their pull ups enabled.
Table 38.Reset Watchdog Timer (RESWDT) [0xE3] [W]
Bit #
7
6
5
4
3
2
1
0
Field
Reset Watchdog Timer [7:0]
Read/Write
W
W
W
W
W
W
W
W
Default
0
0
0
0
0
0
0
0
Any write to this register will clear the Watchdog Timer, a write of 0x38 will also clear the Sleep Timer.
Bits 7:0
Reset Watchdog Timer [7:0]
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com