Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 27Page - Cypress Semiconductor CYRF69103 Datasheet HTML 28Page - Cypress Semiconductor CYRF69103 Datasheet HTML 29Page - Cypress Semiconductor CYRF69103 Datasheet HTML 30Page - Cypress Semiconductor CYRF69103 Datasheet HTML 31Page - Cypress Semiconductor CYRF69103 Datasheet HTML 32Page - Cypress Semiconductor CYRF69103 Datasheet HTML 33Page - Cypress Semiconductor CYRF69103 Datasheet HTML 34Page - Cypress Semiconductor CYRF69103 Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 31 of 73
GPIO Port Configuration
All the GPIO configuration registers have common configu-
ration controls. The following are the bit definitions of the GPIO
configuration registers. By default all GPIOs are configured as
inputs. In order to prevent the inputs from floating, the pull-up
resistors are enabled. Firmware will need to configure each of
the GPIOs prior to use.
Int Enable
When set, the Int Enable bit allows the GPIO to generate inter-
rupts. Interrupt generate can occur regardless of whether the
pin is configured for input or output. All interrupts are edge
sensitive, however for any interrupt that is shared by multiple
sources (that is, Ports 2, 3, and 4) all inputs must be
deasserted before a new interrupt can occur.
When clear, the corresponding interrupt is disabled on the pin.
It is possible to configure GPIOs as outputs, enable the
interrupt on the pin and then to generate the interrupt by
driving the appropriate pin state. This is useful in test and may
have value in applications as well.
Int Act Low
When clear, the corresponding interrupt is active HIGH. When
set, the interrupt is active LOW. For P0.2–P0.4 Int act Low
clear causes interrupts to be active on the rising edge. Int act
Low set causes interrupts to be active on the falling edge.
TTL Thresh
When set, the input has TTL threshold. When clear, the input
has standard CMOS threshold.
Important Note The GPIOs default to CMOS threshold.
User’s firmware needs to configure the threshold to TTL mode
if necessary.
High Sink
When set, the output can sink up to 50 mA.
When clear, the output can sink up to 8 mA.
On the CY7C601xx, only the P3.7, P2.7, P0.1, and P0.0 have
50-mA sink drive capability. Other pins have 8-mA sink drive
capability.
On the CY7C602xx, only the P1.7–P1.3 have 50-mA sink drive
capability. Other pins have 8-mA sink drive capability.
Open Drain
When set, the output on the pin is determined by the Port Data
Register. If the corresponding bit in the Port Data Register is
set, the pin is in high impedance state. If the corresponding bit
in the Port Data Register is clear, the pin is driven LOW.
When clear, the output is driven LOW or HIGH.
Pull-up Enable
When set the pin has a 7K pull up to VDD.
When clear, the pull up is disabled.
Output Enable
When set, the output driver of the pin is enabled.
When clear, the output driver of the pin is disabled.
For pins with shared functions there are some special cases.
P0.0 (CLKIN) and P0.1 (CLKOUT) can not be output enabled
when the crystal oscillator is enabled. Output enables for these
pins are overridden by XOSC Enable.
P1.3 (SSEL), P1.4 (SCLK), P1.5 (SMOSI) and P1.6 (SMISO)
can be used for their dedicated functions or for GPIO. To
enable the pin for GPIO use, clear the corresponding SPI Use
bit or the Output Enable will have no effect.
SPI Use
The P1.3 (SSEL), P1.4 (SCLK), P1.5 (SMOSI) and P1.6
(SMISO) pins can be used for their dedicated functions or for
GPIO. To enable the pin for GPIO, clear the corresponding SPI
Use bit. The SPI function controls the output enable for its
dedicated function pins when their GPIO enable bit is clear.
Table 44.P2 Data Register (P2DATA) [0x02] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
P2.1–P2.0
Read/Write
-
R/W
R/W
Default
-
0
0
This register contains the data for Port 2. Writing to this register sets the bit values to be output on output enabled pins. Reading from this register
returns the current state of the Port 2 pins
Bits 7:2
P2 Data [7:2]
Bits 1:0
P2 Data [1:0]
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com