Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 31Page - Cypress Semiconductor CYRF69103 Datasheet HTML 32Page - Cypress Semiconductor CYRF69103 Datasheet HTML 33Page - Cypress Semiconductor CYRF69103 Datasheet HTML 34Page - Cypress Semiconductor CYRF69103 Datasheet HTML 35Page - Cypress Semiconductor CYRF69103 Datasheet HTML 36Page - Cypress Semiconductor CYRF69103 Datasheet HTML 37Page - Cypress Semiconductor CYRF69103 Datasheet HTML 38Page - Cypress Semiconductor CYRF69103 Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 35 of 73
Serial Peripheral Interface (SPI)
The SPI Master/Slave Interface core logic runs on the SPI clock domain. The SPI clock is a divider off of the CPUCLK when in
Master Mode. SPI is a four-pin serial interface comprised of a clock, an enable, and two data pins
Figure 14. SPI Block Diagram
SPI State Machine
SS_N
Data (8 bit)
Load
Empty
Data (8 bit)
Load
Full
Sclk Output Enable
Slave Select Output Enable
Master IN, Slave Out OE
Master Out, Slave In, OE
Shift Buffer
Input Shift Buffer
Output Shift Buffer
SCK Clock Generation
SCK Clock Select
SCK Clock Phase/Polarity
Select
Register Block
SCK Speed Sel
Master/Slave Sel
SCK Polarity
SCK Phase
Little Endian Sel
MISO/MOSI
Crossbar
GPIO Block
SS_N
LE_SEL
SCK
LE_SEL
SCK_OE
SS_N_OE
MISO_OE
MOSI_OE
SCK
SCK_OE
SS_N_OE
SCK
SS_N
Master/Slave Set
MISO
MOSI
MISO_OE
MOSI_OE
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com