Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 10Page - Cypress Semiconductor CYRF69103 Datasheet HTML 11Page - Cypress Semiconductor CYRF69103 Datasheet HTML 12Page - Cypress Semiconductor CYRF69103 Datasheet HTML 13Page - Cypress Semiconductor CYRF69103 Datasheet HTML 14Page - Cypress Semiconductor CYRF69103 Datasheet HTML 15Page - Cypress Semiconductor CYRF69103 Datasheet HTML 16Page - Cypress Semiconductor CYRF69103 Datasheet HTML 17Page - Cypress Semiconductor CYRF69103 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 14 of 73
Instruction Set Summary
The instruction set is summarized in Table 19 numerically and
serves as a quick reference. If more information is needed, the
Instruction Set Summary tables are described in detail in the
PSoC Designer Assembly Language User Guide (available on
the www.cypress.com web site).
Table 19.Instruction Set Summary Sorted Numerically by Opcode Order[1, 2]
Instruction Format
Flags
Instruction Format
Flags
Instruction Format
Flags
00 15
1 SSC
2D
8
2 OR [X+expr], A
Z
5A
5
2 MOV [expr], X
01
4
2 ADD A, expr
C, Z
2E
9
3 OR [expr], expr
Z
5B
4
1 MOV A, X
Z
02
6
2 ADD A, [expr]
C, Z
2F 10
3 OR [X+expr], expr
Z
5C
4
1 MOV X, A
03
7
2 ADD A, [X+expr]
C, Z
30
9
1 HALT
5D
6
2 MOV A, reg[expr]
Z
04
7
2 ADD [expr], A
C, Z
31
4
2 XOR A, expr
Z
5E
7
2 MOV A, reg[X+expr]
Z
05
8
2 ADD [X+expr], A
C, Z
32
6
2 XOR A, [expr]
Z
5F 10
3 MOV [expr], [expr]
06
9
3 ADD [expr], expr
C, Z
33
7
2 XOR A, [X+expr]
Z
60
5
2 MOV reg[expr], A
07 10
3 ADD [X+expr], expr
C, Z
34
7
2 XOR [expr], A
Z
61
6
2 MOV reg[X+expr], A
08
4
1 PUSH A
35
8
2 XOR [X+expr], A
Z
62
8
3 MOV reg[expr], expr
09
4
2 ADC A, expr
C, Z
36
9
3 XOR [expr], expr
Z
63
9
3 MOV reg[X+expr], expr
0A
6
2 ADC A, [expr]
C, Z
37 10
3 XOR [X+expr], expr
Z
64
4
1 ASL A
C, Z
0B
7
2 ADC A, [X+expr]
C, Z
38
5
2 ADD SP, expr
65
7
2 ASL [expr]
C, Z
0C
7
2 ADC [expr], A
C, Z
39
5
2 CMP A, expr
if (A=B) Z=1
if (A<B) C=1
66
8
2 ASL [X+expr]
C, Z
0D
8
2 ADC [X+expr], A
C, Z
3A
7
2 CMP A, [expr]
67
4
1 ASR A
C, Z
0E
9
3 ADC [expr], expr
C, Z
3B
8
2 CMP A, [X+expr]
68
7
2 ASR [expr]
C, Z
0F 10
3 ADC [X+expr], expr
C, Z
3C
8
3 CMP [expr], expr
69
8
2 ASR [X+expr]
C, Z
10
4
1 PUSH X
3D
9
3 CMP [X+expr], expr
6A
4
1 RLC A
C, Z
11
4
2 SUB A, expr
C, Z
3E 10
2 MVI A, [ [expr]++ ]
Z
6B
7
2 RLC [expr]
C, Z
12
6
2 SUB A, [expr]
C, Z
3F 10
2 MVI [ [expr]++ ], A
6C
8
2 RLC [X+expr]
C, Z
13
7
2 SUB A, [X+expr]
C, Z
40
4
1 NOP
6D
4
1 RRC A
C, Z
14
7
2 SUB [expr], A
C, Z
41
9
3 AND reg[expr], expr
Z
6E
7
2 RRC [expr]
C, Z
15
8
2 SUB [X+expr], A
C, Z
42 10
3 AND reg[X+expr], expr
Z
6F
8
2 RRC [X+expr]
C, Z
16
9
3 SUB [expr], expr
C, Z
43
9
3 OR reg[expr], expr
Z
70
4
2 AND F, expr
C, Z
17 10
3 SUB [X+expr], expr
C, Z
44 10
3 OR reg[X+expr], expr
Z
71
4
2 OR F, expr
C, Z
18
5
1 POP A
Z
45
9
3 XOR reg[expr], expr
Z
72
4
2 XOR F, expr
C, Z
19
4
2 SBB A, expr
C, Z
46 10
3 XOR reg[X+expr], expr
Z
73
4
1 CPL A
Z
1A
6
2 SBB A, [expr]
C, Z
47
8
3 TST [expr], expr
Z
74
4
1 INC A
C, Z
1B
7
2 SBB A, [X+expr]
C, Z
48
9
3 TST [X+expr], expr
Z
75
4
1 INC X
C, Z
1C
7
2 SBB [expr], A
C, Z
49
9
3 TST reg[expr], expr
Z
76
7
2 INC [expr]
C, Z
1D
8
2 SBB [X+expr], A
C, Z
4A 10
3 TST reg[X+expr], expr
Z
77
8
2 INC [X+expr]
C, Z
1E
9
3 SBB [expr], expr
C, Z
4B
5
1 SWAP A, X
Z
78
4
1 DEC A
C, Z
1F 10
3 SBB [X+expr], expr
C, Z
4C
7
2 SWAP A, [expr]
Z
79
4
1 DEC X
C, Z
20
5
1 POP X
4D
7
2 SWAP X, [expr]
7A
7
2 DEC [expr]
C, Z
21
4
2 AND A, expr
Z
4E
5
1 SWAP A, SP
Z
7B
8
2 DEC [X+expr]
C, Z
22
6
2 AND A, [expr]
Z
4F
4
1 MOV X, SP
7C 13
3 LCALL
23
7
2 AND A, [X+expr]
Z
50
4
2 MOV A, expr
Z
7D
7
3 LJMP
24
7
2 AND [expr], A
Z
51
5
2 MOV A, [expr]
Z
7E 10
1 RETI
C, Z
25
8
2 AND [X+expr], A
Z
52
6
2 MOV A, [X+expr]
Z
7F
8
1 RET
26
9
3 AND [expr], expr
Z
53
5
2 MOV [expr], A
8x
5
2 JMP
27 10
3 AND [X+expr], expr
Z
54
6
2 MOV [X+expr], A
9x
11
2 CALL
28 11
1 ROMX
Z
55
8
3 MOV [expr], expr
Ax
5
2 JZ
29
4
2 OR A, expr
Z
56
9
3 MOV [X+expr], expr
Bx
5
2 JNZ
2A
6
2 OR A, [expr]
Z
57
4
2 MOV X, expr
Cx
5
2 JC
2B
7
2 OR A, [X+expr]
Z
58
6
2 MOV X, [expr]
Dx
5
2 JNC
2C
7
2 OR [expr], A
Z
59
7
2 MOV X, [X+expr]
Ex
7
2 JACC
Fx 13
2 INDEX
Z
Notes
1. Interrupt routines take 13 cycles before execution resumes at interrupt vector table.
2. The number of cycles required by an instruction is increased by one for instructions that span 256-byte boundaries in the Flash memory space.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com