Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 48 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 48 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 44Page - Cypress Semiconductor CYRF69103 Datasheet HTML 45Page - Cypress Semiconductor CYRF69103 Datasheet HTML 46Page - Cypress Semiconductor CYRF69103 Datasheet HTML 47Page - Cypress Semiconductor CYRF69103 Datasheet HTML 48Page - Cypress Semiconductor CYRF69103 Datasheet HTML 49Page - Cypress Semiconductor CYRF69103 Datasheet HTML 50Page - Cypress Semiconductor CYRF69103 Datasheet HTML 51Page - Cypress Semiconductor CYRF69103 Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 48 of 73
Mnemonic
CHANNEL_ADR
Address
0x00
Bit
7
6
5
4
3
2
1
0
Default
-
1
0
0
1
0
0
0
Read/Write
-
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Not Used
Channel
Bits 6:0
This field selects the channel. 0x00 sets 2400 MHz; 0x62 sets 2498 MHz. Values above 0x62 are not valid. The default channel
is a fast channel above the frequency typically used in non-overlapping WiFi systems. Any write to this register will impact the
time it takes the synthesizer to settle.
fast (100-
µs) - 0 3 6 9 12 15 18 21 24 27 30 33 36 39 42 45 48 51 54 57 60 63 66 69 72 96
medium (180
−µs) - 2 4 8 10 14 16 20 22 26 28 32 34 38 40 44 46 50 52 56 58 62 64 68 70 74 76 78 80 82 84 86 88 90 92 94
slow (270-
µs) - 1 5 7 11 13 17 19 23 25 29 31 35 35 37 41 43 47 49 53 55 59 61 65 67 71 73 75 77 79 81 83 85 87 89 91 93 95 97
Usable channels subject to regulation.
Do not access or modify the register during a transmit or receive.
Mnemonic
TX_LENGTH_ADR
Address
0x01
Bit
7
6
5
4
3
2
1
0
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
TX Length
Bits 7:0
This register sets the length of the packet to be transmitted. A length of zero is valid, and will transmit a packet with SOP, length
and CRC16 fields (if enabled), but no data field. Packet lengths of more than 16 bytes will require that some data bytes be writ-
ten after transmission of the packet has begun. Typically, length is updated prior to setting TX GO. The maximum packet length
for all packets is 40 bytes except for framed 64-chip DDR where the maximum packet length is 16 bytes.
Maximum packet length is limited by the delta between the transmitter and receiver crystals of 60-ppm or better.
Mnemonic
TX_CTRL_ADR
Address
0x02
Bit
7
6
5
4
3
2
1
0
Default
0
0
0
0
0
0
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
TX GO
TX CLR
TXB15
IRQEN
TXB8
IRQEN
TXB0
IRQEN
TXBERR
IRQEN
TXC
IRQEN
TXE
IRQEN
Bit 7
Start Transmission. Setting this bit triggers the transmission of a packet. Writing a 0 to this flag has no effect. This bit is cleared
automatically at the end of packet transmission. The transmit buffer may be loaded either before or after setting this bit. If data
is loaded after setting this bit, the length of time available to load the buffer depends on the starting state (sleep, idle or synth),
the length of the SOP code, the length of preamble, and the packet data rate. For example, if starting from idle mode on a fast
channel in 8DR mode with 32 chip SOP codes the time available is 100
µs (synth start) + 32 µs (preamble) + 64 µs (SOP
length) + 32
µs (length byte) = 228 µs. If there are no bytes in the TX buffer at the end of transmission of the length field, a
TXBERR IRQ will occur.
Bit 6
Clear TX Buffer. Writing a 1 to this register clears the transmit buffer. Writing a 0 to this bit has no effect. The previous packet
may be retransmitted by setting TX GO and not setting this bit. A new transmit packet may be loaded and transmitted without
setting this bit if TX GO is set after the new packet is loaded to the buffer. If the TX_BUFFER_ADR is to be loaded after the TX
GO bit has been set, then this bit should be set before loading a new transmit packet to the buffer and before TX GO is set.
Bit 5
Buffer Not Full Interrupt Enable. See TX_IRQ_STATUS_ADR for description.
Bit 4
Buffer Half Empty Interrupt Enable. See TX_IRQ_STATUS_ADR for description.
Bit 3
Buffer Empty Interrupt Enable. See TX_IRQ_STATUS_ADR for description.
Bit 2
Buffer Error Interrupt Enable. See TX_IRQ_STATUS_ADR for description.
Bit 1
Transmission Complete Interrupt Enable. See TX_IRQ_STATUS_ADR for description. TXC IRQEN and TXE IRQEN must be
set together.
Bit 0
Transmit Error Interrupt Enable. See TX_IRQ_STATUS_ADR for description. TXC IRQEN and TXE IRQEN must be set
together.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com