Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 8Page - Cypress Semiconductor CYRF69103 Datasheet HTML 9Page - Cypress Semiconductor CYRF69103 Datasheet HTML 10Page - Cypress Semiconductor CYRF69103 Datasheet HTML 11Page - Cypress Semiconductor CYRF69103 Datasheet HTML 12Page - Cypress Semiconductor CYRF69103 Datasheet HTML 13Page - Cypress Semiconductor CYRF69103 Datasheet HTML 14Page - Cypress Semiconductor CYRF69103 Datasheet HTML 15Page - Cypress Semiconductor CYRF69103 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 12 of 73
Examples
Source Indexed
The result of an instruction using this addressing mode is
placed in either the A register or the X register, which is
specified as part of the instruction opcode. Operand 1 is added
to the X register forming an address that points to a location in
either the RAM memory space or the register space that is the
source for the instruction. Arithmetic instructions require two
sources; the second source is the A register or X register
specified in the opcode. Instructions using this addressing
mode are two bytes in length.
Examples
Destination Direct
The result of an instruction using this addressing mode is
placed within either the RAM memory space or the register
space. Operand 1 is an address that points to the location of
the result. The source for the instruction is either the A register
or the X register, which is specified as part of the instruction
opcode. Arithmetic instructions require two sources; the
second source is the location specified by Operand 1. Instruc-
tions using this addressing mode are two bytes in length.
Examples
Destination Indexed
The result of an instruction using this addressing mode is
placed within either the RAM memory space or the register
space. Operand 1 is added to the X register forming the
address that points to the location of the result. The source for
the instruction is the A register. Arithmetic instructions require
two sources; the second source is the location specified by
Operand 1 added with the X register. Instructions using this
addressing mode are two bytes in length.
Example
Destination Direct Source Immediate
The result of an instruction using this addressing mode is
placed within either the RAM memory space or the register
space. Operand 1 is the address of the result. The source for
the instruction is Operand 2, which is an immediate value.
Arithmetic instructions require two sources; the second source
is the location specified by Operand 1. Instructions using this
addressing mode are three bytes in length.
Table 10.Source Direct
Opcode
Operand 1
Instruction
Source Address
ADD
A,
[7]
;In this case, the value in
;the RAM memory location at
;address 7 is added with the
;Accumulator, and the result
;is placed in the Accumulator.
MOV
X,
REG[8]
;In this case, the value in
;the register space at address
;8 is moved to the X register.
Table 11.Source Indexed
Opcode
Operand 1
Instruction
Source Index
ADD
A,
[X+7]
;In this case, the value in
;the memory location at
;address X + 7 is added with
;the Accumulator, and the
;result is placed in the
;Accumulator.
MOV
X,
REG[X+8]
;In this case, the value in
;the register space at
;address X + 8 is moved to
;the X register.
Table 12.Destination Direct
Opcode
Operand 1
Instruction
Destination Address
ADD
[7],
A
;In this case, the value in
;the memory location at
;address 7 is added with the
;Accumulator, and the result
;is placed in the memory
;location at address 7. The
;Accumulator is unchanged.
MOV
REG[8],
A
;In this case, the
;Accumulator is moved to the
;register space location at
;address 8. The Accumulator
;is unchanged.
Table 13.Destination Indexed
Opcode
Operand 1
Instruction
Destination Index
ADD
[X+7],
A
;In this case, the value in the
;memory location at address X+7
;is added with the Accumulator,
;and the result is placed in
;the memory location at address
;x+7. The Accumulator is
;unchanged.
Table 14.Destination Direct Source Immediate
Opcode
Operand 1
Operand 2
Instruction
Destination Address
Immediate Value
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com