Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 53 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 53 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 49Page - Cypress Semiconductor CYRF69103 Datasheet HTML 50Page - Cypress Semiconductor CYRF69103 Datasheet HTML 51Page - Cypress Semiconductor CYRF69103 Datasheet HTML 52Page - Cypress Semiconductor CYRF69103 Datasheet HTML 53Page - Cypress Semiconductor CYRF69103 Datasheet HTML 54Page - Cypress Semiconductor CYRF69103 Datasheet HTML 55Page - Cypress Semiconductor CYRF69103 Datasheet HTML 56Page - Cypress Semiconductor CYRF69103 Datasheet HTML 57Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 53 of 73
Mnemonic
PWR_CTRL_ADR
Address
0x0B
Bit
7
6
5
4
3
2
1
0
Default
1
0
1
-
0
0
0
0
Read/Write
R/W
R/W
R/W
-
R/W
R/W
R/W
R/W
Function
PMU EN
LVIRQ EN
PMU Mode
Force
Not Used
LVI TH
PMU OUTV
Bit 7
Power Management Unit (PMU) Enable. Setting this bit enables the PMU if PMU Mode Force bit (bit-5) is set, otherwise it has
no effect. See PMU Mode Force bit description.
Bit 6
Low Voltage Interrupt Enable. Setting this bit enables the LV IRQ interrupt. When this interrupt is enabled, if the VBAT voltage
falls below the threshold set by LVI TH, then a low voltage interrupt will be generated. The LVI is not available when the device
is in sleep mode. The LVI event on IRQ pin is automatically disabled whenever the PMU is disabled.
Bit 5
PMU Mode Force. If this bit is set the PMU operation will be based on the value of the PMU EN bit (bit 7). If this bit is not set the
PMU is disabled during sleep. Otherwise it is enabled when not in Sleep mode.
Bits 3:2
Low Voltage Interrupt Threshold. This field sets the voltage on VBAT at which the LVI is triggered. 11 = 1.8V, 10 = 2.0V,
01 = 2.2V, 00 = PMU OUTV voltage.
Bits 1:0
PMU Output Voltage. This field sets the minimum output voltage of the PMU. 11 = 2.4V, 10 = 2.5V, 01 = 2.6V, 00 = 2.7V. When
the PMU is active, the voltage output by the PMU on VREG will never be less than this voltage provided that the total load on the
VREG pin is less than the specified maximum value, and the voltage in VBAT is greater than the specified minimum value.
To force the chip to always enable the PMU (even during sleep), set bits 5 and 7. To force the chip to always disable the PMU, set bit 5 and
clear bit 7. To allow the chip to disable the PMU during sleep, clear bit 5.
The sequence of writing bits to this register impacts the sleep current ISB.
Mnemonic
XTAL_CTRL_ADR
Address
0x0C
Bit
7
6
5
4
3
2
1
0
Default
0
0
0
-
-
1
0
0
Read/Write
R/W
R/W
R/W
-
-
R/W
R/W
R/W
Function
XOUT FN
XSIRQ EN
Not Used
Not Used
FREQ
Bits 7:6
XOUT Pin Function. This field selects between the different functions of the XOUT pin. 00 = Clock frequency set by XOUT
FREQ; 01 = Active LOW PA Control; 10 = Radio data serial bit stream. If this option is selected and SPI is configured for 3-wire
mode then the MISO pin will output a serial clock associated with this data stream; 11 = GPIO. To disable this output, set to
GPIO mode, and set the GPIO state in IO_CFG_ADR.
Bit 5
Crystal Stable Interrupt Enable. This bit enables the OS IRQ interrupt. When enabled, this interrupt generates an IRQ event
when the crystal has stabilized after the device has woken from sleep mode. This event is cleared by writing zero to this bit.
Bits 2:0
XOUT Frequency. This field sets the frequency output on the XOUT pin when XOUT FN is set to 00. 0 = 12 MHz, 1 = 6 MHz,
2 = 3 MHz, 3 = 1.5 MHz, 4 = 0.75 MHz; other values are not defined.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com