Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 32Page - Cypress Semiconductor CYRF69103 Datasheet HTML 33Page - Cypress Semiconductor CYRF69103 Datasheet HTML 34Page - Cypress Semiconductor CYRF69103 Datasheet HTML 35Page - Cypress Semiconductor CYRF69103 Datasheet HTML 36Page - Cypress Semiconductor CYRF69103 Datasheet HTML 37Page - Cypress Semiconductor CYRF69103 Datasheet HTML 38Page - Cypress Semiconductor CYRF69103 Datasheet HTML 39Page - Cypress Semiconductor CYRF69103 Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 36 of 73
SPI Data Register
When an interrupt occurs to indicate to firmware that an byte of receive data is available, or the transmitter holding register is
empty, firmware has 7 SPI clocks to manage the buffers—to empty the receiver buffer, or to refill the transmit holding register.
Failure to meet this timing requirement will result in incorrect data transfer.
SPI Configure Register
Table 54.SPI Data Register (SPIDATA) [0x3C] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
SPIData[7:0]
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
When read, this register returns the contents of the receive buffer. When written, it loads the transmit holding register.
Bits 7:0
SPI Data [7:0]
Table 55.SPI Configure Register (SPICR) [0x3D] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Swap
LSB First
Comm Mode
CPOL
CPHA
SCLK Select
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bit 7
Swap
0 = Swap function disabled
1 = The SPI block swaps its use of SMOSI and SMISO. Among other things, this can be useful in implementing single wire
SPI-like communications
Bit 6
LSB First
0 = The SPI transmits and receives the MSB (Most Significant Bit) first
1 = The SPI transmits and receives the LSB (Least Significant Bit) first
Bits 5:4
Comm Mode [1:0]
0 0: All SPI communication disabled
0 1: SPI master mode
1 0: SPI slave mode
1 1: Reserved
Bit 3
CPOL
This bit controls the SPI clock (SCLK) idle polarity
0 = SCLK idles low
1 = SCLK idles high
Bit 2
CPHA
The Clock Phase bit controls the phase of the clock on which data is sampled.
Table 56 shows the timing for the various com-
binations of LSB First, CPOL, and CPHA
Bits 1:0
SCLK Select
This field selects the speed of the master SCLK. When in master mode, SCLK is generated by dividing the base CPUCLK
Important Note for Comm Modes 01b or 10b (SPI Master or SPI Slave):
When configured for SPI, (SPI Use = 1—
Table 51), the input/output direction of pins P1.3, P1.5, and P1.6 is set automatically by the SPI logic.
However, pin P1.4's input/output direction is NOT automatically set; it must be explicitly set by firmware. For SPI Master mode, pin P1.4 must
be configured as an output; for SPI Slave mode, pin P1.4 must be configured as an input
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com