Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 21Page - Cypress Semiconductor CYRF69103 Datasheet HTML 22Page - Cypress Semiconductor CYRF69103 Datasheet HTML 23Page - Cypress Semiconductor CYRF69103 Datasheet HTML 24Page - Cypress Semiconductor CYRF69103 Datasheet HTML 25Page - Cypress Semiconductor CYRF69103 Datasheet HTML 26Page - Cypress Semiconductor CYRF69103 Datasheet HTML 27Page - Cypress Semiconductor CYRF69103 Datasheet HTML 28Page - Cypress Semiconductor CYRF69103 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 25 of 73
Power-on Reset
POR occurs every time the power to the device is switched on.
POR is released when the supply is typically 2.6V for the
upward supply transition, with typically 50 mV of hysteresis
during the power-on transient. Bit 4 of the System Status and
Control Register (CPU_SCR) is set to record this event (the
register contents are set to 00010000 by the POR). After a
POR, the microprocessor is held off for approximately 20 ms
for the VCC supply to stabilize before executing the first
instruction at address 0x00 in the Flash. If the VCC voltage
drops below the POR downward supply trip point, POR is
reasserted. The VCC supply needs to ramp linearly from 0 to
VCC in 0 to 200 ms.
Important The PORS status bit is set at POR and can only be
cleared by the user, and cannot be set by firmware.
Watchdog Timer Reset
The user has the option to enable the WDT. The WDT is
enabled by clearing the PORS bit. Once the PORS bit is
cleared, the WDT cannot be disabled. The only exception to
this is if a POR event takes place, which will disable the WDT.
The sleep timer is used to generate the sleep time period and
the Watchdog time period. The sleep timer uses the Internal
32-kHz Low-power Oscillator system clock to produce the
sleep time period. The user can program the sleep time period
using the Sleep Timer bits of the OSC_CR0 Register
(Table 33). When the sleep time elapses (sleep timer
overflows), an interrupt to the Sleep Timer Interrupt Vector will
be generated.
The Watchdog Timer period is automatically set to be three
counts of the Sleep Timer overflows. This represents between
two and three sleep intervals depending on the count in the
Sleep Timer at the previous WDT clear. When this timer
reaches three, a WDR is generated.
The user can either clear the WDT, or the WDT and the Sleep
Timer. Whenever the user writes to the Reset WDT Register
(RES_WDT), the WDT will be cleared. If the data that is written
Table 37.System Status and Control Register (CPU_SCR) [0xFF] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
GIES
Reserved
WDRS
PORS
Sleep
Reserved
Reserved
Stop
Read/Write
R
–
R/C[3]
R/C[3]
R/W
–
–
R/W
Default
0
0
0
1
0
1
0
0
The bits of the CPU_SCR register are used to convey status and control of events for various functions of a CYRF69103 device.
Bit 7
GIES
The Global Interrupt Enable Status bit is a read-only status bit and its use is discouraged. The GIES bit is a legacy bit, which was
used to provide the ability to read the GIE bit of the CPU_F register. However, the CPU_F register is now readable. When this bit
is set, it indicates that the GIE bit in the CPU_F register is also set which, in turn, indicates that the microprocessor will service
interrupts
0 = Global interrupts disabled
1 = Global interrupt enabled
Bit 6
Reserved
Bit 5
WDRS
The WDRS bit is set by the CPU to indicate that a WDR event has occurred. The user can read this bit to determine the type of
reset that has occurred. The user can clear but not set this bit
0 = No WDR
1 = A WDR event has occurred
Bit 4
PORS
The PORS bit is set by the CPU to indicate that a POR event has occurred. The user can read this bit to determine the type of
reset that has occurred. The user can clear but not set this bit
0 = No POR
1 = A POR event has occurred. (Note that WDR events will not occur until this bit is cleared.)
Bit 3
SLEEP
Set by the user to enable CPU sleep state. CPU will remain in sleep mode until any interrupt is pending. The Sleep bit is covered
in more detail in the Sleep Mode section
0 = Normal operation
1 = Sleep
Bits 2:1
Reserved
Bit 0
STOP
This bit is set by the user to halt the CPU. The CPU will remain halted until a reset (WDR, POR, or external reset) has taken
place. If an application wants to stop code execution until a reset, the preferred method would be to use the HALT instruction
rather than writing to this bit
0 = Normal CPU operation
1 = CPU is halted (not recommended)
Note
3. C = Clear. This bit can only be cleared by the user and cannot be set by firmware.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com