Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 72 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 72 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 65Page - Cypress Semiconductor CYRF69103 Datasheet HTML 66Page - Cypress Semiconductor CYRF69103 Datasheet HTML 67Page - Cypress Semiconductor CYRF69103 Datasheet HTML 68Page - Cypress Semiconductor CYRF69103 Datasheet HTML 69Page - Cypress Semiconductor CYRF69103 Datasheet HTML 70Page - Cypress Semiconductor CYRF69103 Datasheet HTML 71Page - Cypress Semiconductor CYRF69103 Datasheet HTML 72Page - Cypress Semiconductor CYRF69103 Datasheet HTML 73Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 72 of 73
Package Diagram
Figure 25. 40-pin Lead-Free QFN 6x6 mm
PSoC is a registered trademark and WirelessUSB, enCoRe, and PRoC are trademarks of Cypress Semiconductor Corporation.
All products and company names mentioned in this document may be the trademarks of their respective holders.
Table 75. Ordering Information
Package
Ordering Part Number
40-pin Lead-Free QFN 6x6 mm
CYRF69103-40LFXC
TOP VIEW
0.60[0.024]
5.70[0.224]
5.90[0.232]
A
C
1.00[0.039] MAX.
N
BOTTOM VIEW
SEATING
PLANE
N
2
0.18[0.007]
0.50[0.020]
1
1
0.08[0.003]
0.50[0.020]
0.05[0.002] MAX.
2
SIDE VIEW
(4X)
C
0.24[0.009]
0.20[0.008] REF.
0.80[0.031] MAX.
PIN1 ID
0°-12°
4.45[0.175]
6.10[0.240]
5.80[0.228]
4.55[0.179]
0.45[0.018]
0.20[0.008] R.
DIA.
0.28[0.011]
0.30[0.012]
0.60[0.024]
3. PACKAGE WEIGHT: 0.086g
1.
HATCH IS SOLDERABLE EXPOSED AREA
4. ALL DIMENSIONS ARE IN MM [MIN/MAX]
2. REFERENCE JEDEC#: MO-220
NOTES:
PAD
EXPOSED
SOLDERABLE
18.5
18.5
51-85190-*A
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com