Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 26Page - Cypress Semiconductor CYRF69103 Datasheet HTML 27Page - Cypress Semiconductor CYRF69103 Datasheet HTML 28Page - Cypress Semiconductor CYRF69103 Datasheet HTML 29Page - Cypress Semiconductor CYRF69103 Datasheet HTML 30Page - Cypress Semiconductor CYRF69103 Datasheet HTML 31Page - Cypress Semiconductor CYRF69103 Datasheet HTML 32Page - Cypress Semiconductor CYRF69103 Datasheet HTML 33Page - Cypress Semiconductor CYRF69103 Datasheet HTML 34Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 30 of 73
ECO Trim Register
General-Purpose I/O Ports
The general-purpose I/O ports are discussed in the following sections.
Port Data Registers
Table 41.ECO (ECO_TR) [0x1EB] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Sleep Duty Cycle [1:0]
Reserved
Read/Write
R/W
R/W
–
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
This register controls the ratios (in numbers of 32-KHz clock periods) of ‘on’ time versus ‘off’ time for LVD and POR detection circuit
Bits 7:6
Sleep Duty Cycle [1:0]
0 0 = 128 periods of the Internal 32-kHz Low-speed Oscillator
0 1 = 512 periods of the Internal 32-KHz Low-speed Oscillator
1 0 = 32 periods of the Internal 32-KHz Low-speed Oscillator
1 1 = 8 periods of the Internal 32-KHz Low-speed Oscillator
Note This register can only be accessed in the second bank of I/O space. This requires setting the XIO bit in the CPU flags register
Table 42.P0 Data Register (P0DATA)[0x00] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
P0.7
Reserved
P0.4/INT2
P0.3/INT1
Reserved
P0.1/CLKOUT
Reserved
Read/Write
R/W
-
R/W
R/W
R/W
-
Default
0
-
-
0
0
0
-
-
This register contains the data for Port 0. Writing to this register sets the bit values to be output on output enabled pins. Reading from this register
returns the current state of the Port 0 pins.
Bit 7
P0.7 Data
Bits 6:5
Reserved
Bits 4:3
P0.4–P0.3Data/INT2–INT0
In addition to their use as the P0.4–P0.2 GPIOs, these pins can also be used for the alternative functions as the Interrupt pins
(INT0–INT2). To configure the P0.4–P0.2 pins, refer to the P0.2/INT0–P0.4/INT2 Configuration Register (
Table 46)
Bit 2
Reserved
Bit 1
P0.1 Data/Clock-output.
Bit 0
Reserved
Table 43.P1 Data Register (P1DATA) [0x01] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
P1.7
P1.6
P1.5/SMOSI
P1.4/SCLK
P1.3/SSEL
P1.2
P1.1
P1.0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
-
This register contains the data for Port 1. Writing to this register sets the bit values to be output on output enabled pins. Reading from this register
returns the current state of the Port 1 pins.
Bits 7:6
P1.7- P1.6
Bits 5:3
P1.5–P1.3 Data/SPI Pins (SMISO, SMOSI, SCLK, SSEL)
In addition to their use as the P1.6–P1.3 GPIOs, these pins can also be used for the alternative function as the SPI interface
pins. To configure the P1.6–P1.3 pins, refer to the P1.3–P1.6 Configuration Register (
Table 50)
Bits 2:1
P1.2–P1.1
Bit 0
P1.0
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com