Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 43 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 43 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 39Page - Cypress Semiconductor CYRF69103 Datasheet HTML 40Page - Cypress Semiconductor CYRF69103 Datasheet HTML 41Page - Cypress Semiconductor CYRF69103 Datasheet HTML 42Page - Cypress Semiconductor CYRF69103 Datasheet HTML 43Page - Cypress Semiconductor CYRF69103 Datasheet HTML 44Page - Cypress Semiconductor CYRF69103 Datasheet HTML 45Page - Cypress Semiconductor CYRF69103 Datasheet HTML 46Page - Cypress Semiconductor CYRF69103 Datasheet HTML 47Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 43 of 73
Interrupt Mask Registers
The Interrupt Mask Registers (INT_MSKx) are used to enable
the individual interrupt sources’ ability to create pending inter-
rupts.
There are four Interrupt Mask Registers (INT_MSK0,
INT_MSK1, INT_MSK2, and INT_MSK3), which may be
referred to in general as INT_MSKx. If cleared, each bit in an
INT_MSKx register prevents a posted interrupt from becoming
a pending interrupt (input to the priority encoder). However, an
interrupt can still post even if its mask bit is zero. All INT_MSKx
bits are independent of all other INT_MSKx bits.
If an INT_MSKx bit is set, the interrupt source associated with
that mask bit may generate an interrupt that will become a
pending interrupt.
The Enable Software Interrupt (ENSWINT) bit in INT_MSK3[7]
determines the way an individual bit value written to an
INT_CLRx register is interpreted. When is cleared, writing 1's
to an INT_CLRx register has no effect. However, writing 0's to
an INT_CLRx register, when ENSWINT is cleared, will cause
the corresponding interrupt to clear. If the ENSWINT bit is set,
any 0's written to the INT_CLRx registers are ignored.
However, 1's written to an INT_CLRx register, while ENSWINT
is set, will cause an interrupt to post for the corresponding
interrupt.
Software interrupts can aid in debugging interrupt service
routines by eliminating the need to create system level inter-
actions
that
are
sometimes
necessary
to
create
a
hardware-only interrupt.
Table 66. Interrupt Clear 1 (INT_CLR1) [0xDB] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Prog Interval
Timer
1-ms Pro-
grammable In-
terrupt
Reserved
Read/Write
-
R/W
R/W
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
When reading this register,
0 = There’s no posted interrupt for the corresponding hardware
1 = Posted interrupt for the corresponding hardware present
Writing a ‘0’ to the bits will clear the posted interrupts for the corresponding hardware. Writing a ‘1’ to the bits AND to the ENSWINT
Bit 7
Reserved
Table 67.Interrupt Clear 2 (INT_CLR2) [0xDC] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
Reserved
Reserved
GPIO Port2
Reserved
INT2
16-bit Counter
Wrap
Reserved
Read/Write
–
-
-
R/W
–
R/W
R/W
-
Default
0
0
0
0
0
0
0
0
When reading this register,
0 = There’s no posted interrupt for the corresponding hardware
1 = Posted interrupt for the corresponding hardware present
Writing a ‘0’ to the bits will clear the posted interrupts for the corresponding hardware. Writing a ‘1’ to the bits AND to the ENSWINT (Bit 7 of the
INT_MSK3 Register) will post the corresponding hardware interrupt
Bits 7,6,5,3,0] Reserved
Table 68.Interrupt Mask 3 (INT_MSK3) [0xDE] [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
ENSWINT
Reserved
Read/Write
R
–
–
–
–
–
–
–
Default
0
0
0
0
0
0
0
0
Bit 7
Enable Software Interrupt (ENSWINT)
0 = Disable. Writing 0's to an INT_CLRx register, when ENSWINT is cleared, will cause the corresponding interrupt to clear
1 = Enable. Writing 1's to an INT_CLRx register, when ENSWINT is set, will cause the corresponding interrupt to post
Bits 6:0
Reserved
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com