Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 63Page - Cypress Semiconductor CYRF69103 Datasheet HTML 64Page - Cypress Semiconductor CYRF69103 Datasheet HTML 65Page - Cypress Semiconductor CYRF69103 Datasheet HTML 66Page - Cypress Semiconductor CYRF69103 Datasheet HTML 67Page - Cypress Semiconductor CYRF69103 Datasheet HTML 68Page - Cypress Semiconductor CYRF69103 Datasheet HTML 69Page - Cypress Semiconductor CYRF69103 Datasheet HTML 70Page - Cypress Semiconductor CYRF69103 Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 67 of 73
Figure 20. GPIO Timing Diagram
Figure 21. SPI Master Timing, CPHA = 1
10%
TR_GPIO
TF_GPIO
GPIO Pin Output
Voltage
90%
MSB
TMSU
LSB
TMHD
TSCKH
TMDO
SS
SCK (CPOL=0)
SCK (CPOL=1)
MOSI
MISO
(SS is under firmware control in SPI Master mode)
TSCKL
MSB
LSB
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com