Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 64 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 64 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 60Page - Cypress Semiconductor CYRF69103 Datasheet HTML 61Page - Cypress Semiconductor CYRF69103 Datasheet HTML 62Page - Cypress Semiconductor CYRF69103 Datasheet HTML 63Page - Cypress Semiconductor CYRF69103 Datasheet HTML 64Page - Cypress Semiconductor CYRF69103 Datasheet HTML 65Page - Cypress Semiconductor CYRF69103 Datasheet HTML 66Page - Cypress Semiconductor CYRF69103 Datasheet HTML 67Page - Cypress Semiconductor CYRF69103 Datasheet HTML 68Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 64 of 73
Notes
8. It is permissible to connect voltages above VIO to inputs through a series resistor limiting input current to 1 mA. AC timing not guaranteed.
9. Human Body Model (HBM).
10. VREG depends on battery input voltage.
11. Includes current drawn while starting crystal, starting synthesizer, transmitting packet (including SOP and CRC16), changing to receive mode, and receiving
ACK handshake. Device is in sleep except during this transaction.
DC Characteristics (T = 25°C)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VBAT
Battery Voltage
0–70
°C
1.8
3.6
V
VREG
[10]
PMU Output Voltage
2.7V mode
2.7
2.73
V
VLVD
Low Voltage Detect
LVDCR [2:0] set to 000
VIO
VIO Voltage
1.8
3.6
V
VCC
VCC Voltage
0–70
°C
2.4
3.6
V
Device Current (For total current consumption in different modes, for example Radio, active, MCU, sleep, etc., add Radio
Function Current and MCU Function Current)
ICC (GFSK)
[11]
Average ICC, 1 Mbps, slow channel
PA = 5, 2-way, 4 bytes/10 ms CPU
speed = 6 MHz
9.87
mA
ICC (32-8DR)
[11] Average I
CC, 250 kbps, fast channel
PA = 5, 2-way, 4 bytes/10 ms CPU
speed = 6 MHz
10.2
mA
ISB1
Sleep Mode ICC
VCC = 3.0V, MCU sleep, PMU
disabled
2.72
µA
ISB2
Sleep Mode ICC
VCC = 3.0V, MCU sleep, PMU
enabled
30.4
µA
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com