Electronic Components Datasheet Search
  English  ▼

X  

CYRF69103 Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # CYRF69103
Description  Programmable Radio on Chip Low Power
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYRF69103 Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button CYRF69103 Datasheet HTML 52Page - Cypress Semiconductor CYRF69103 Datasheet HTML 53Page - Cypress Semiconductor CYRF69103 Datasheet HTML 54Page - Cypress Semiconductor CYRF69103 Datasheet HTML 55Page - Cypress Semiconductor CYRF69103 Datasheet HTML 56Page - Cypress Semiconductor CYRF69103 Datasheet HTML 57Page - Cypress Semiconductor CYRF69103 Datasheet HTML 58Page - Cypress Semiconductor CYRF69103 Datasheet HTML 59Page - Cypress Semiconductor CYRF69103 Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
CYRF69103
Document #: 001-07611 Rev *B
Page 56 of 73
Mnemonic
DATA32_THOLD_ADR
Address
0x11
Bit
7
6
5
4
3
2
1
0
Default
-
-
-
-
0
1
0
0
Read/Write
-
-
-
-
R/W
R/W
R/W
R/W
Function
Not Used
Not Used
Not Used
Not Used
TH32
Bits 3:0:
32 Chip Data PN Code Correlator Threshold. This register sets the correlator threshold used in DSSS modes when DATA
CODE LENGTH (see TX_CFG_ADR) is set to 32. Typical applications configure TH32 = 05h.
Mnemonic
DATA64_THOLD_ADR
Address
0x12
Bit
7
6
5
4
3
2
1
0
Default
-
-
-
0
1
0
1
0
Read/Write
-
-
-
R/W
R/W
R/W
R/W
R/W
Function
Not Used
Not Used
Not Used
TH64
Bits 4:0
64 Chip Data PN Code Correlator Threshold. This register sets the correlator threshold used in DSSS modes when the DATA
CODE LENGTH (see TX_CFG_ADR) is set to 64. Typical applications configure TH64 = 0Eh.
Mnemonic
RSSI_ADR
Address
0x13
Bit
7
6
5
4
3
2
1
0
Default
0
-
1
0
0
0
0
0
Read/Write
R
-
R
R
R
R
R
R
Function
SOP
Not Used
LNA
RSSI
A Received Signal Strength Indicator (RSSI) reading is taken automatically when an SOP symbol is detected. In addition, an RSSI reading is
taken whenever RSSI_ADR is read. The contents of this register are not valid after the device is configured for receive mode until either a SOP
symbol is detected, or the register is read. The conversion can occur as often as once every 12
µs.
If it is desired to measure the background RF signal strength on a channel before a packet has been received then the MCU should perform
a “dummy” read of this register, the results of which should be discarded. This “dummy” read will cause an RSSI measurement to be taken,
and therefore subsequent readings of the register will yield valid data.
Bit 7
SOP RSSI Reading. When set, this bit indicates that the reading in the RSSI field was taken when a SOP symbol was
detected. When cleared, this bit indicates that the reading stored in the RSSI field was triggered by a previous SPI read of this
register.
Bit 5
LNA State. This bit indicates the LNA state when the RSSI reading was taken. When cleared, this bit indicates that the LNA
was disabled when the RSSI reading was taken; if set this bit indicates that the LNA was enabled when the RSSI reading was
taken.
Bits 4:0
RSSI Reading. This field indicates the instantaneous strength of the RF signal being received at the time that the RSSI reading
was taken. A larger value indicates a stronger signal. The signal strength measured is for the RF signal on the configured chan-
nel, and is measured after the LNA stage.
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com